Electronic Components Datasheet Search
  English  ▼

X  

UTOUTC1007 Datasheet(PDF) 5 Page - Teledyne Technologies Incorporated

Part # UTOUTC1007
Description  Thin-Film Cascadable Amplifier 5 to 1000 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC1007 Datasheet(HTML) 5 Page - Teledyne Technologies Incorporated

  UTOUTC1007 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC1007 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC1007 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC1007 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC1007 Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Case Drawings
TC-1
GND
.350
.890
.460
.310
DC INPUT
.38
(2) PL
.24
.19
SMA JACK (FEMALE)
(2) PL
.180
.640
.905
.095
.250
.570
2-56 UNC-2B x .15 DEEP
THREADED INSERT
(4) PL
.460
.310
.350
1.000
.820
PRODUCT MARKING
AREA
TYPICAL WEIGHT WITH CONNECTORS = 21.5 GRAMS
RF
.100
V+
IN
RFOUT
NOTES: 1. THE TC-1 CASE IS A NON-HERMETIC CASE.
2. THE ONLY CONNECTOR OPTION AVAILABLE FOR THE TC-1 CASE IS THE –1, SMA FEMALE CONNECTORS AT BOTH INPUT AND OUTPUT PORTS.
AGC (IF REQUIRED)
.890
.500
NOTES (UNLESS OTHERWISE SPECIFIED):
1. DIMENSIONS ARE SPECIFIED IN INCHES
2. TOLERANCES:
xx
± .02
xxx
± .010
Contact Teledyne Microwave Solutions:
650-691-9800
650-962-6845 fax
Check for updates:
www.teledynemicrowave.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com