Electronic Components Datasheet Search
  English  ▼

X  

STA333IS Datasheet(PDF) 29 Page - STMicroelectronics

Part # STA333IS
Description  100 dB SNR and dynamic range
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333IS Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STA333IS Datasheet HTML 25Page - STMicroelectronics STA333IS Datasheet HTML 26Page - STMicroelectronics STA333IS Datasheet HTML 27Page - STMicroelectronics STA333IS Datasheet HTML 28Page - STMicroelectronics STA333IS Datasheet HTML 29Page - STMicroelectronics STA333IS Datasheet HTML 30Page - STMicroelectronics STA333IS Datasheet HTML 31Page - STMicroelectronics STA333IS Datasheet HTML 32Page - STMicroelectronics STA333IS Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
DocID022855 Rev 3
29/43
STA333IS
Register description
LRCK double trigger protection
The LDTE bit actively prevents double triggering of LRCLK.
Auto EAPD on clock loss
When active, the ECLE bit will issue a device power-down signal (EAPD) on clock loss
detection.
IC power-down
The PWDN register is used to put the IC in a low-power state. When PWDN is 0, the output
begins a soft-mute. After the mute condition is reached, EAPD is asserted to power down
the power stage, then the master clock to all internal hardware except the I2C block is gated.
This puts the IC in a very low power consumption state.
External amplifier power down
The EAPD register directly disables/enables the internal power circuitry.
When EAPD = 0, the internal power section is placed in a low-power state (disabled).
Table 35. LRCK double trigger protection
Bit
R/W
RST
Name
Description
4
R/W
1
LDTE
LRCLK double trigger protection enable
Table 36. Auto EAPD on clock loss
Bit
R/W
RST
Name
Description
5
R/W
0
ECLE
Auto EAPD on clock loss
Table 37. Power-down
Bit
R/W
RST
Name
Description
6R/W
1PWDN
0: power-down, low-power condition
1: normal operation
Table 38. External amplifier power-down
Bit
R/W
RST
Name
Description
7
R/W
1
EAPD
0: external power stage power-down active
1: normal operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com