Electronic Components Datasheet Search
  English  ▼

X  

UTOUTC1012 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # UTOUTC1012
Description  Thin-Film Cascadable Amplifier 5 to 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC1012 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  UTOUTC1012 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC1012 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC1012 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC1012 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC1012 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTOUTC1012 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Thin-Film Cascadable Amplifier
5 to 1000 MHz
Technical Data
Features
• Frequency Range: 5 to
1000 MHz
• Low Noise Figure: 2.5 dB
(Typ)
• Medium Gain: 16.0 dB (Typ)
• Temperature Compensated
Applications
• IF/RF Amplification
Description
The 1012 Series is a wideband,
general-purpose thin-film bipolar
RF amplifier using resistive
feedback and active bias for
stability over temperature and
bias verifications. Input and
output blocking capacitors couple
the RF through the amplifier while
output inductance maintains a low
VSWR. The 1012 Series amplifiers
are available in either the TO-8
hermetic case or connectored
UTO/UTC 1012 Series
Pin Configuration
UTO—TO-8U
RF
V +
IN
RFOUT
UTC—TC-1A
GROUND
CASE GROUND
V +
RFOUT
RFIN
Schematic
Maximum Ratings
Parameter
Maximum
DC Voltage
+17 Volts
Continuous RF Input Power
+13 dBm
Operating Case Temperature
–55 to +125°C
Storage Temperature
–62 to +150°C
“R” Series Burn-In Temperature
+125°C
Weight: (typical) UTO—2.1 grams; UTC—21.5 grams
RF
OUT
RF
IN
V+
Thermal Characteristics1
θJC
105°C/W
Active Transistor Power Dissipation
120 mW
Junction Temperature Above Case Temperature
13°C
MTBF (MIL-HDBK-217E, A
UF @ 90°C)
1,253,000 Hrs.
TC-1A package.


Similar Part No. - UTOUTC1012

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTOUTC1011 TELEDYNE-UTOUTC1011 Datasheet
176Kb / 6P
Thin-Film Cascadable Amplifier 2 to 1000 MHz
UTOUTC1013 TELEDYNE-UTOUTC1013 Datasheet
183Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
More results

Similar Description - UTOUTC1012

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTOUTC1001 TELEDYNE-UTOUTC1001 Datasheet
196Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1002 TELEDYNE-UTOUTC1002 Datasheet
196Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1005 TELEDYNE-UTOUTC1005 Datasheet
194Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1007 TELEDYNE-UTOUTC1007 Datasheet
173Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1013 TELEDYNE-UTOUTC1013 Datasheet
183Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1021 TELEDYNE-UTOUTC1021 Datasheet
185Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1033 TELEDYNE-UTOUTC1033 Datasheet
190Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1052 TELEDYNE-UTOUTC1052 Datasheet
184Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1054 TELEDYNE-UTOUTC1054 Datasheet
186Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1058 TELEDYNE-UTOUTC1058 Datasheet
140Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com