Electronic Components Datasheet Search
  English  ▼

X  

UTOUTC1024 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # UTOUTC1024
Description  Thin-Film Cascadable Amplifier 10 to 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC1024 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  UTOUTC1024 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC1024 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC1024 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC1024 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC1024 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTOUTC1024 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Thin-Film Cascadable Amplifier
10 to 1000 MHz
Technical Data
Features
• Frequency Range: 10 to
1000 MHz
• High Power Output:
+24 dBm (Typ)
• Medium Gain: 13.0 dB (Typ)
• Temperature Compensated
Applications
• IF/RF Amplification
• Output Stage
Description
The 1024 Series is a thin-film
bipolar RF amplifier for higher
output power and medium-gain
applications up to 1000 MHz.
Resistive feedback and active bias
assure temperature compensation
and increased immunity to bias
voltage variations. Low VSWR is
maintained by inductive tuning
while the RF is coupled through
the amplifier by internal blocking
capacitors. The 1024 Series
amplifiers are available in either
the TO-8 hermetic case or
connectored TC-1A package.
UTO/UTC 1024 Series
Pin Configuration
UTO—TO-8T
RF
V +
IN
RFOUT
UTC—TC-1A
GROUND
CASE GROUND
V +
RFOUT
RFIN
Weight: (typical) UTO—2.1 grams; UTC—21.5 grams
Maximum Ratings
Parameter
Maximum
DC Voltage
+17 Volts
Continuous RF Input Power
+14 dBm
Operating Case Temperature
–55 to +100°C
Storage Temperature
–62 to +150°C
“R” Series Burn-In Temperature
+100°C
Schematic
RF
OUT
RF
IN
V+
Thermal Characteristics1
θJC
72/52/52°C/W2
Active Transistor Power Dissipation
663/498/498 mW2
Junction Temperature Above Case Temperature
48/26/26°C2
MTBF (MIL-HDBK-217E, A
UF @ 90°C)
454,100 Hrs.
Notes:
1. Values refer to first, second, and third stages, respectively.


Similar Part No. - UTOUTC1024

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTOUTC1021 TELEDYNE-UTOUTC1021 Datasheet
185Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1023 TELEDYNE-UTOUTC1023 Datasheet
210Kb / 6P
Thin-Film Cascadable Amplifier 10 to 1000 MHz
More results

Similar Description - UTOUTC1024

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTOUTC1002 TELEDYNE-UTOUTC1002 Datasheet
196Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1007 TELEDYNE-UTOUTC1007 Datasheet
173Kb / 5P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1013 TELEDYNE-UTOUTC1013 Datasheet
183Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1023 TELEDYNE-UTOUTC1023 Datasheet
210Kb / 6P
Thin-Film Cascadable Amplifier 10 to 1000 MHz
UTOUTC1033 TELEDYNE-UTOUTC1033 Datasheet
190Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1043 TELEDYNE-UTOUTC1043 Datasheet
184Kb / 5P
Thin-Film Cascadable Amplifier 10 to 1000 MHz
UTOUTC1054 TELEDYNE-UTOUTC1054 Datasheet
186Kb / 6P
Thin-Film Cascadable Amplifier 5 to 1000 MHz
UTOUTC1076 TELEDYNE-UTOUTC1076 Datasheet
183Kb / 6P
Thin-Film Cascadable Amplifier 10 to 1000 MHz
UTM1056 TELEDYNE-UTM1056 Datasheet
129Kb / 4P
Thin-Film Cascadable Amplifier 10 to 1000 MHz
UTM1057 TELEDYNE-UTM1057 Datasheet
129Kb / 4P
Thin-Film Cascadable Amplifier 10 to 1000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com