Electronic Components Datasheet Search
  English  ▼

X  

MM54C89 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C89
Description  64-Bit TRI-STATE Random Access Read/Write Memory
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C89 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM54C89 Datasheet HTML 1Page - National Semiconductor (TI) MM54C89 Datasheet HTML 2Page - National Semiconductor (TI) MM54C89 Datasheet HTML 3Page - National Semiconductor (TI) MM54C89 Datasheet HTML 4Page - National Semiconductor (TI) MM54C89 Datasheet HTML 5Page - National Semiconductor (TI) MM54C89 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics
Guaranteed across the specified temperature range CL e 50 pF (Continued)
MM54C89
MM74C89
Parameter
Conditions
TA eb55 Cto a125 CTA eb40 Cto a85 C
Units
Min
Max
Min
Max
tSD
VCC e 5V
70
60
ns
VCC e 10V
35
30
ns
VCC e 15V
30
25
ns
t1H t0H
VCC e 5V
420
360
ns
VCC e 10V CL e 5 pF
170
145
ns
VCC e 15V RL e 10 kX
135
115
ns
AC Parameters are guaranteed by DC correlated testing
Truth Table
ME
WE
Operation
Condition of Outputs
L
L
Write
TRI-STATE
L
H
Read
Complement of Selected Word
H
L
Inhibit Storage
TRI-STATE
H
H
Inhibit Storage
TRI-STATE
AC Test Circuits
t0H
TLF5888 – 4
t1H
TLF5888 – 3
Switching Time Waveforms
t0H
TLF5888 – 5
t1H
TLF5888 – 6
Read Cycle
TLF5888 – 7
Write Cycle
TLF5888 – 8
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com