Electronic Components Datasheet Search
  English  ▼

X  

FSU10A60 Datasheet(PDF) 5 Page - Nihon Inter Electronics Corporation

Part # FSU10A60
Description  FRD - Low Forward Voltage Drop
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

FSU10A60 Datasheet(HTML) 5 Page - Nihon Inter Electronics Corporation

  FSU10A60 Datasheet HTML 1Page - Nihon Inter Electronics Corporation FSU10A60 Datasheet HTML 2Page - Nihon Inter Electronics Corporation FSU10A60 Datasheet HTML 3Page - Nihon Inter Electronics Corporation FSU10A60 Datasheet HTML 4Page - Nihon Inter Electronics Corporation FSU10A60 Datasheet HTML 5Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RMS SURGE CURRENT RATINGS
FSU10A60
Ta=40°C,Non-Repetitive,No Load
0.1
0.2
0.5
1
2
5
10
PULSE WIDTH (ms)
50
100
200
500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com