Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-CCA044V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-CCA044V1
Description  Standby and mute features
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-CCA044V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-CCA044V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-CCA044V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-CCA044V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-CCA044V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
January 2013
Doc ID 024062 Rev 1
1/4
4
STEVAL-CCA044V1
160 W + 160 W dual BTL class-D audio amplifier demonstration
board based on the TDA7498E
Data brief
Features
■ High output-power capability:
– 2 x 160 W / 4
Ω at 36 V, 1 KHz, THD = 10%
– 1 x 220 W / 4
Ω at 36 V, 1 KHz, THD = 10%
■ Wide-range, single supply operation (14 V-
36 V)
■ High efficiency (
η = 85%)
■ Four selectable, fixed gain settings
(23.6 dB, 29.6 dB,33.1 dB and 35.6 dB)
■ Differential inputs to minimize common-mode
noise
■ Standby and mute features
■ Short-circuit and thermal overload protection
■ Externally synchronizable
■ RoHS compliant
Description
The STEVAL-CCA044V1 demonstration board is
designed for the TDA7498E high power dual BTL
class-D audio amplifier.
Thanks to its high efficiency, the device
assembled in the PSSO36 (slug-down) package
is capable of dissipating heat without a heatsink.
Jumpers on the board allow the configuration of
the amplifier in order to verify all the features as
single-ended or differential input, fixed gain
settings.
Microswitches are also provided to enable the
standby and mute functions.
www.st.com


Similar Part No. - STEVAL-CCA044V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-CCA042V1 STMICROELECTRONICS-STEVAL-CCA042V1 Datasheet
107Kb / 4P
20 W 20 W dual BTL class-D audio amplifier demonstration board based on the TDA7491HV Data brief
October 2012 Rev 1
STEVAL-CCA049V1 STMICROELECTRONICS-STEVAL-CCA049V1 Datasheet
209Kb / 4P
Automatic zero-detect mute
08-Nov-2012
More results

Similar Description - STEVAL-CCA044V1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4756 NSC-LM4756 Datasheet
675Kb / 17P
Dual 7W Audio Power Amplifier w/Mute, Standby and Volume Control
LM4782 NSC-LM4782 Datasheet
1Mb / 26P
3 Channel 25W Audio Power Amplifier with Mute and Standby
LM4731 NSC-LM4731 Datasheet
640Kb / 16P
Stereo 25W Audio Power Amplifier with Mute and Standby Modes
LM4730 NSC-LM4730 Datasheet
643Kb / 17P
Stereo 14W Audio Power Amplifier with Mute and Standby Modes
LM4734 NSC-LM4734 Datasheet
1Mb / 24P
3 Channel 20W Audio Power Amplifier with Mute and Standby
LM1876 NSC-LM1876_03 Datasheet
696Kb / 20P
Dual 20W Audio Power Amplifier with Mute and Standby Modes
logo
STMicroelectronics
TDA7265B STMICROELECTRONICS-TDA7265B Datasheet
814Kb / 18P
30 W 30 W stereo amplifier with mute and standby
19-Dec-2011
TDA7292 STMICROELECTRONICS-TDA7292 Datasheet
337Kb / 22P
40 W 40 W stereo amplifier with mute and standby
29-Feb-2012
TDA7293 STMICROELECTRONICS-TDA7293_10 Datasheet
403Kb / 21P
120-volt, 100-watt, DMOS audio amplifier with mute and standby
24-Sep-2010
logo
Texas Instruments
LM4734 TI1-LM4734_14 Datasheet
1Mb / 28P
3 Channel 20W Audio Power Amplifier with Mute and Standby
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com