Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IDB003V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IDB003V1
Description  A BlueNRG IC based Bluetooth® Smart USB dongle
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IDB003V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IDB003V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IDB003V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IDB003V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IDB003V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
April 2014
DocID026193 Rev 1
1/4
STEVAL-IDB003V1
A BlueNRG IC based Bluetooth® Smart USB dongle
Data brief
Features
• BlueNRG based Bluetooth® Smart USB dongle
based for direct PC connection
• Maximum transmission power +8 dBm.
• Low power STM32L host microcontroller
• Major Features of BlueNRG: 7.3mA (RX
mode), 8.2mA (TX mode at 0dBm) maximum
peak current, programmable output power from
-18dBm to +8dBm, up to 96dB RF link budget
• USB Interface
• Bluetooth® low energy 4.0 compliant, supports
both master and slave roles.
• JTAG footprint connector for custom firmware
development (JTAG connector not mounted)
• ITunes app available (app name: BlueNRG)
• Google Play app available (app name:
BlueNRG)
• RoHS compliant
Description
The STEVAL-IDB003V1 is an evaluation board
based on BlueNRG, a low power Bluetooth®
Smart IC, compliant with the Bluetooth® 4.0
specifications and supporting both master and
slave roles.
The STEVAL-IDB003V1 features a low power
microcontroller STM32L on board. It is primarily
meant to interface with BlueNRG but is also
available for custom application development.
The STEVAL-IDB003V1 has a USB connector for
PC GUI interaction and firmware update.
The footprint for a JTAG connector is available on
the STEVAL-IDB003V1. When a JTAG connector
is soldered (the connector is not mounted on the
STEVAL-IDB003V1) it enables users developing
a custom firmware on the STM32L
microcontroller.
For a detailed explanation on how to use the
STEVAL-IDB003V1 please refer user manual
UM1686: BlueNRG development kit.
www.st.com


Similar Part No. - STEVAL-IDB003V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IDB005V1 STMICROELECTRONICS-STEVAL-IDB005V1 Datasheet
409Kb / 11P
Bluetooth low energy board based on the BlueNRG-MS network processor
29-Apr-2015
STEVAL-IDB005V1D STMICROELECTRONICS-STEVAL-IDB005V1D Datasheet
232Kb / 4P
RoHS compliant
17-Dec-2015
STEVAL-IDB006V1M STMICROELECTRONICS-STEVAL-IDB006V1M Datasheet
279Kb / 6P
Bluetooth Low Energy USB dongle based on the SPBTLE-RF
06-Nov-2015
STEVAL-IDB008V2 STMICROELECTRONICS-STEVAL-IDB008V2 Datasheet
493Kb / 9P
Evaluation platform based on the BlueNRG-2
13-Feb-2018
More results

Similar Description - STEVAL-IDB003V1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT800_SERIES ETC2-BT800_SERIES Datasheet
131Kb / 2P
Bluetooth v4.0 Class 1 USB HCI Modules and Dongle
logo
STMicroelectronics
STEVAL-IDB006V1M STMICROELECTRONICS-STEVAL-IDB006V1M Datasheet
279Kb / 6P
Bluetooth Low Energy USB dongle based on the SPBTLE-RF
06-Nov-2015
STEVAL-IDB005V1 STMICROELECTRONICS-STEVAL-IDB005V1 Datasheet
409Kb / 11P
Bluetooth low energy board based on the BlueNRG-MS network processor
29-Apr-2015
UM1765 STMICROELECTRONICS-UM1765 Datasheet
561Kb / 14P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
20-May-2015
logo
BUDDIES TECHNOLOGY LIMI...
STA-UI-A003D BUDDIES-STA-UI-A003D Datasheet
796Kb / 13P
USB Dongle Module
logo
STMicroelectronics
AEK-COM-BLEV1 STMICROELECTRONICS-AEK-COM-BLEV1 Datasheet
3Mb / 12P
Bluetooth communication board based on BlueNRG-1
Rev 1 - February 2020
X-NUCLEO-IDB04A1 STMICROELECTRONICS-X-NUCLEO-IDB04A1 Datasheet
237Kb / 5P
Bluetooth low energy expansion board based on BlueNRG for STM32 Nucleo
May 2015
logo
Toshiba Semiconductor
TC35667FTG TOSHIBA-TC35667FTG Datasheet
755Kb / 26P
TC35667FTG Bluetooth® LE Single IC For Bluetooth® Smart
November 2014 Rev 1.x
TC35670FTG-006 TOSHIBA-TC35670FTG-006 Datasheet
1,014Kb / 69P
TC35670FTG-006 Bluetooth® Smart NFC Tag IC
2016-05-31 Rev 2.1
logo
Silicon Laboratories
BT111 SILABS-BT111 Datasheet
2Mb / 53P
Bluetooth® Smart Ready HCI Module
Version 1.27
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com