Electronic Components Datasheet Search
  English  ▼

X  

UTOUTC2013 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # UTOUTC2013
Description  Thin-Film Cascadable Amplifier 500 to 2000 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC2013 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  UTOUTC2013 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC2013 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC2013 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC2013 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC2013 Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Electrical Specifications1
(Measured in 50
Ω system @ +15 VDC nominal unless otherwise noted)
Symbol
Unit
T
C
= –55 to +85
°C
500-2000
8.5
±1.0
6.0
+18.0
2.0:1
2.0:1
—
—
—
—
MHz
dB
dB
dB
dBm
—
—
dBm
dBm
dBm
mA
T
C
= 0 to 50
°C
Guaranteed Specifications
Typical
T
C
= 25
°C
500-2000
10.0
±0.5
4.5
+21.0
<1.7:1
<1.6:1
+30.0
+40.0
+45.0
100
500-2000
9.0
±1.0
5.5
+19.0
2.0:1
2.0:1
—
—
—
—
Characteristic
Frequency Range
Small Signal Gain (Min.)
Gain Flatness (Max.)
Noise Figure (Max.)
Power Output @ +1 dB Comp. (Min.)
Input VSWR (Max.)
Output VSWR (Max.)
Two Tone 3rd Order Intercept Point
Two Tone 2nd Order Intercept Point
One Tone 2nd Order Intercept Point
DC Current
BW
GP
—
NF
P1dB
—
—
IP3
IP2
HP2
ID
Typical Performance Over Temperature (@ +15 VDC unless otherwise noted)
Key: +25
°C
+85
°C
-55
°C
Note 1: RF input pin at DC ground—no input blocking capacitor.
11
500
Gain
Frequency, MHz
1000
10
1500
Frequency, MHz
Noise Figure
5
4
3
2
500
1000
1500
2000
2000
9
8
Power Output
Frequency, MHz
Input VSWR
Frequency, MHz
Output VSWR
Frequency, MHz
21.5
2.0
1.0
1.75
21.0
Third-Order Intercept Point
Frequency, MHz
Second-Order Intercept Point
Frequency, MHz
Second-Harmonic Intercept Point
Frequency, MHz
500
70
65
34
1500
35
1000
60
36
20.5
65
55
60
20.0
50
45
500
1500
1000
2000
1.5
1.25
500
1500
1000
2000
500
1000
1500
2000
2000
800
500
1400
2000
1100
500
1000
1500
2000
22.0
33
45
32
2.0
1.0
1.75
1.5
1.25
31
1700
55
50



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com