Electronic Components Datasheet Search
  English  ▼

X  

UTOUTC2020 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # UTOUTC2020
Description  Wideband High Efficiency Amplifier 10 to 2000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC2020 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  UTOUTC2020 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC2020 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC2020 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC2020 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC2020 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTOUTC2020 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ +15 VDC nominal unless otherwise noted)
Symbol
Unit
T
C
= –55 to +85
°C
10-2000
16.5
±1.0
6.0
+14.0
2.0:1
2.0:1
+20
—
—
—
MHz
dB
dB
dB
dBm
—
—
dBm
dBm
dBm
mA
T
C
= 0 to 50
°C
Guaranteed Specifications
Typical
T
C
= 25
°C
10-2000
19
±0.5
5.0
+16.0
1.6:1
1.6:1
+25
+32
+38
52
10-2000
17.0
±1.0
6.0
+14.5
2.0:1
2.0:1
+20
—
—
—
Characteristic
Frequency Range
Small Signal Gain (Min.)
Gain Flatness (Max.)
Noise Figure (Max.)
Power Output @ +1 dB Comp. (Min.)
Input VSWR (Max.)
Output VSWR (Max.)
Two Tone 3rd Order Intercept Point
Two Tone 2nd Order Intercept Point
One Tone 2nd Harmonic Intercept Point
DC Current
BW
GP
—
NF
P1dB
—
—
IP3
IP2
HP2
ID
Typical Performance Over Temperature (@ +15 VDC unless otherwise noted)
Key: +25
°C
+85
°C
-55
°C
Gain
21
19
17
15
Frequency, MHz
10
500
1000
1500
2000
2500
Noise Figure
7.0
6.0
5.0
4.0
3.0
Frequency, MHz
10
500
1000
1500
2000
Power Output
19
18
17
16
15
Frequency, MHz
10
500
1000
1500
2000
Input VSWR
2.5
2.0
1.5
1.0
Frequency, MHz
10
500
1000
1500
2000
2500
Output VSWR
2.5
2.0
1.5
1.0
Frequency, MHz
10
500
1000
1500
2000
2500
Third-Order Intercept Point
35
30
25
20
15
10
Frequency, MHz
10
500
1000
1500
2000
3000
Second-Order Intercept Point
55
45
35
25
Frequency, MHz
10
500
1000
1500
2000
3000
Second-Harmonic Intercept Point
60
50
40
30
Frequency, MHz
10
500
1000
1500
2000
3000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com