Electronic Components Datasheet Search
  English  ▼

X  

VCAS181234H400TP Datasheet(PDF) 4 Page - AVX Corporation

Part # VCAS181234H400TP
Description  Multilayer Varistors for Automotive Applications
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VCAS181234H400TP Datasheet(HTML) 4 Page - AVX Corporation

  VCAS181234H400TP Datasheet HTML 1Page - AVX Corporation VCAS181234H400TP Datasheet HTML 2Page - AVX Corporation VCAS181234H400TP Datasheet HTML 3Page - AVX Corporation VCAS181234H400TP Datasheet HTML 4Page - AVX Corporation VCAS181234H400TP Datasheet HTML 5Page - AVX Corporation VCAS181234H400TP Datasheet HTML 6Page - AVX Corporation VCAS181234H400TP Datasheet HTML 7Page - AVX Corporation VCAS181234H400TP Datasheet HTML 8Page - AVX Corporation VCAS181234H400TP Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
17
012317
TransGuard
® Automotive Series
Multilayer Varistors for Automotive Applications
AUTOMOTIVE SERIES – LOAD DUMP TEST
According to ISO DP7637 rev 2 Pulse 5
When using the test method indicated below, the
amount of Energy dissipated by the varistor must not
exceed the Load Dump Energy value specified in the
product table.
Automotive Load Dump Pulse
(According to ISO 7637 Pulse 5)
Time (msec)
VCAS060316B400
0.5Ω
1Ω
4Ω
100ms
37
38
42
200ms
36
37
41
400ms
35
36
39
VCAS120616K380
0.5Ω
1Ω
4Ω
100ms
42
45
55
200ms
40
43
50
400ms
39
40
45
VCAS121016J390
0.5Ω
1Ω
4Ω
100ms
48
53
74
200ms
46
50
64
400ms
43
46
56
VGAS181216P400
0.5Ω
1Ω
4Ω
100ms
46
52
72
200ms
37
41
59
400ms
32
35
51
VGAS222016Y400
0.5Ω
1Ω
4Ω
100ms
53
60
77
200ms
50
55
73
400ms
47
50
66
VCAS040218X400
0.5Ω
1Ω
4Ω
100ms
38
39
40
200ms
37
37
38
400ms
34
35
36
VCAS060318A400
0.5Ω
1Ω
4Ω
100ms
37
38
42
200ms
36
37
41
400ms
35
36
39
VCAS080518A400
0.5Ω
1Ω
4Ω
100ms
37
39
40
200ms
35
38
39
400ms
33
37
38
VCAS080518C400
0.5Ω
1Ω
4Ω
100ms
40
41
48
200ms
39
40
45
400ms
38
39
42
VCAS120618A400
0.5Ω
1Ω
4Ω
100ms
43
45
55
200ms
41
43
48
400ms
40
41
45
VCAS120618D400
0.5Ω
1Ω
4Ω
100ms
42
45
55
200ms
40
42
50
400ms
39
40
45
VCAS120618E380
0.5Ω
1Ω
4Ω
100ms
42
45
55
200ms
40
43
50
400ms
39
40
45
VCAS121018J390
0.5Ω
1Ω
4Ω
100ms
48
53
74
200ms
46
50
64
400ms
43
46
56
LOAD DUMP LIBRARY
Typical max Vz versus Pulse duration and Ri
12V SYSTEMS
VCAS060326A580
1Ω
4Ω
8Ω
100ms
51
56
58
200ms
50
54
56
400ms
49
51
53
VCAS080526A580
1Ω
4Ω
8Ω
100ms
51
53
59
200ms
49
51
57
400ms
48
50
51
VCAS080526C580
1Ω
4Ω
8Ω
100ms
51
54
62
200ms
49
51
56
400ms
48
49
51
VCAS120626D580
1Ω
4Ω
8Ω
100ms
52
60
68
200ms
50
57
65
400ms
47
54
61
VCAS121026H560
1Ω
4Ω
8Ω
100ms
61
74
91
200ms
59
69
82
400ms
55
64
70
VCAS060330A650
1Ω
4Ω
8Ω
100ms
57
59
63
200ms
56
58
61
400ms
54
57
58
VCAS080530A650
1Ω
4Ω
8Ω
100ms
58
62
66
200ms
56
61
64
400ms
53
57
61
VCAS080530C650
1Ω
4Ω
8Ω
100ms
58
61
63
200ms
57
58
62
400ms
55
56
59
VCAS120630D650
1Ω
4Ω
8Ω
100ms
61
70
75
200ms
57
66
69
400ms
56
62
64
VCAS121030H620
1Ω
4Ω
8Ω
100ms
70
77
98
200ms
64
70
89
400ms
56
65
70
VGAS181234U770
1Ω
4Ω
8Ω
100ms
87
110
125
200ms
82
97
114
400ms
75
85
95
VGAS222034Y770
1Ω
4Ω
8Ω
100ms
100
125
165
200ms
91
115
155
400ms
84
104
120
24V SYSTEMS



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com