Electronic Components Datasheet Search
  English  ▼

X  

G901 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G901
Description  3.3 V 300MA LOW DROPOUT REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

G901 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G901 Datasheet HTML 1Page - List of Unclassifed Manufacturers G901 Datasheet HTML 2Page - List of Unclassifed Manufacturers G901 Datasheet HTML 3Page - List of Unclassifed Manufacturers G901 Datasheet HTML 4Page - List of Unclassifed Manufacturers G901 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Ver: 1.0
Mar 22, 2002
TEL: 886-3-5788833
http://www.gmt.com.tw
2
G901
Global Mixed-mode Technology Inc.
Absolute Maximum Ratings
(Note 1)
Input Voltage………………………………….……….10V
Power Dissipation Internally Limited
(Note2)
Maximum Junction Temperature………….………150°C
Storage Temperature Range..….…-65°C
≤ TJ ≤+150°C
Lead Temperature, Time for Wave Soldering
SOT89 Package……..……..……………….....260°C, 4s
Continuous Power Dissipation (TA = + 25°C)
SOT 89
(1)………………………….…………………..0.5W
Note (1): See Recommended Minimum Footprint.
Operating Conditions
(Note 1)
Input Voltage…………………………...…………4V ~ 7V
Temperature Range……………….…...0°C
≤ TJ ≤125°C
Electrical Characteristics
VIN =5V, IO = 300mA, CIN=1µF, COUT =10µF. All specifications apply for TA = TJ = 25°C.[Note 3]
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Voltage
5mA < IO <300mA
3.201
3.3
3.399
V
Line Regulation
4V < VIN < 6.5V, IO = 50mA
3
mV
Load Regulation
10mA < IO < 300mA
28
mV
Output Impedance
100mA DC and 100mA AC, fO = 120Hz
102
m
Ω
Quiescent Current
VIN = 5V
0.6
mA
Ripple Rejection
fi = 120 Hz, 1VP-P, Io = 100mA
42
dB
IO = 300mA
450
Dropout Voltage
IO = 50mA
50
100
mV
Short Circuit Current
0.77
A
Over Temperature
150
°C
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating
Conditions are conditions under which the device functions but the specifications might not be guaranteed. For
guaranteed specifications and test conditions see the Electrical Characteristics.
Note2: The maximum power dissipation is a function of the maximum junction temperature, TJmax; total thermal re-
sistance,
θJA, and ambient temperature TA. The maximum allowable power dissipation at any ambient
temperature is TJmax-TA/
θJA. If this dissipation is exceeded, the die temperature will rise above 150°C and
IC will go into thermal shutdown. For the G901 in SOT89 package,
θJA is 250°C/W(See recommend
minimum footprint). The safe operation in SOT 89, it can see ”Typical Performance Characteristics” (Safe
Operating Area).
Note3: Low duty pulse techniques are used during test to maintain junction temperature as close to ambient as pos-
sible.
Note4: The type of output capacitor should be tantalum or aluminum.
Definitions
Dropout Voltage
The input/output Voltage differential at which the regu-
lator output no longer maintains regulation against
further reductions in input voltage. Measured when the
output drops 100mV below its nominal value, dropout
voltage is affected by junction temperature, load cur-
rent and minimum input supply requirements.
Line Regulation
The change in output voltage for a change in input
voltage. The measurement is made under conditions
of low dissipation or by using pulse techniques such
that average chip temperature is not significantly af-
fected.
Load Regulation
The change in output voltage for a change in load
current at constant chip temperature. The measure-
ment is made under conditions of low dissipation or by
using pulse techniques such that average chip tem-
perature is not significantly affected.
Maximum Power Dissipation
The maximum total device dissipation for which the
regulator will operate within specifications.
Quiescent Bias Current
Current which is used to operate the regulator chip
and is not delivered to the load.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com