Electronic Components Datasheet Search
  English  ▼

X  

GL3EG43 Datasheet(PDF) 6 Page - Sharp Corporation

Part # GL3EG43
Description  3 MM(T-l) CYLINDER LAMPS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL3EG43 Datasheet(HTML) 6 Page - Sharp Corporation

  GL3EG43 Datasheet HTML 1Page - Sharp Corporation GL3EG43 Datasheet HTML 2Page - Sharp Corporation GL3EG43 Datasheet HTML 3Page - Sharp Corporation GL3EG43 Datasheet HTML 4Page - Sharp Corporation GL3EG43 Datasheet HTML 5Page - Sharp Corporation GL3EG43 Datasheet HTML 6Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
LED
GL3D u 43 Series
GL3EG43 (Yellow-green) / GL3KG43 (Green)
s
Characteristics
Parameter
Symbol
Model
Conditions
MIN. TYP. MAX.
GL3EG43
2.8
Forward voltage
GL3KG43
—
2
2.8
GL3EG43
10
25
–
GL3KG43
8.0
20
–
‘cd
Peak emission wavelength
GL3EG43
—
565
–
GL3KG43
nm
—
555
–
Spectrum radiation bandwidth
GL3EG43
30
–
GL3KG43
—
25
–
‘m
GL3EG43
—
—
Reverse current
10
GL3KG43
10
—
Terminal capacitance
GL3EG43
V=OV
MHz
–
–
GL3KG43
V=OV
f=lMH z
–
4(I
–
Response frequency
GL3EG43
–
4
–
GL3KG43
–
—
–
Tolerance:
s Characteristics Diagrams
Forward Current vs.
Luminous Intensity vs.
Forward Voltage
Forward Current
I
I
0,05
,
,
,
L-
Forward
current
Relative Luminous Intensity vs.
Ambient Temperature
.
E
Spectrum Distribution
I
Ambient
Wavelength
Forward Current
Curve
50
30
.
$
10
0
411
Ambient
temperature
Radiation Diagram
60



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com