Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IFP016V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IFP016V2
Description  Additional IEC61131-2 type-1 input
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP016V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IFP016V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP016V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP016V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP016V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
September 2012
Doc ID 023081 Rev 2
1/4
4
STEVAL-IFP016V2
IO-Link communication master transceiver demonstration board
based on the L6360, monolithic IO-Link master port
Data brief
Features
■ Supply voltage from 18 V to 32.5 V
■ Fully protected programmable output stages
■ Supports COM1, COM2 and COM3 mode
■ 5 mA IO-Link digital input
■ Additional IEC61131-2 type-1 input
■ 3.3 V / 5 V, 50 mA linear regulator
■ Fast mode I
2C for IC control, configuration and
diagnostic
■ Diagnostic dual LED sequence generator and
driver
■ 5 V and 3.3 V compatible I/Os
■ Interface compatible with STEVAL-PCC009V2
and STEVAL-PCC009V1
■ EMC immune application against ESD, burst,
surge, RF noise, etc., according to IEC61000-
4-2, IEC61000-4-4, IEC61000-4-5, and
IEC61000-4-6 standards
■ RoHS compliant
Description
The STEVAL-IFP016V2 IO-Link communication
master transceiver demonstration board is based
on the L6360, monolithic IO-Link master port. A
modular and customizable application that
interfaces externally with the microcontroller. The
purpose of the board is to demonstrate the
capability of the L6360 monolithic IO-Link master,
as communication transceiver for multiple I/Os.
The board uses input signal from the
microcontroller and outputs the 24 V required for
industrial applications.
The board demonstrates that the L6360 is both
IO-Link master port mode and standard IO mode
compliant.
The interface is compatible with the STEVAL-
PCC009V2 and STEVAL-PCC009V1 EMC-
immune application against ESD, burst, surge, RF
noise, etc., according to IEC61000-4-2,
IEC61000-4-4, IEC61000-4-5, and IEC61000-4-6
standards.
A large GND area on the printed circuit board has
been designed in order to minimize noise and
ensure good thermal performance.
The small size of the L6360 package with a
reduced pin number, along with the small size of
the application area, allow the user to work in
applications where space constraint is critical.
The L6360 is a monolithic IO-Link master port,
compliant with PHY2 (3 wires) supporting COM1
(4.8 kbaud), COM2 (38.4 kbaud) and COM3
(230.4 kbaud) modes. The output stage (high-
side, low-side or push-pull) as well as the cutoff
current, cutoff current delay time, and restart
delay, are programmable by I2C protocol.
The cutoff current and cutoff current delay time,
combined with the thermal shutdown and
automatic restart, protect the device against
overload and short-circuit. The output stages are
able to drive resistive, inductive and capacitive
loads. Fast demagnetization is able to dissipate
the energy stored in the inductive loads.
www.st.com


Similar Part No. - STEVAL-IFP016V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP010V1 STMICROELECTRONICS-STEVAL-IFP010V1 Datasheet
163Kb / 6P
Current limitation
13-Jun-2008
STEVAL-IFP010V3 STMICROELECTRONICS-STEVAL-IFP010V3 Datasheet
168Kb / 4P
Junction overtemperature protection
22-Dec-2011
STEVAL-IFP015V2 STMICROELECTRONICS-STEVAL-IFP015V2 Datasheet
165Kb / 4P
RoHS compliant
02-Sep-2013
STEVAL-IFP017V3 STMICROELECTRONICS-STEVAL-IFP017V3 Datasheet
316Kb / 4P
Evaluation board for IO-Link transceiver device L6362A
06-May-2016
STEVAL-IFP019V1 STMICROELECTRONICS-STEVAL-IFP019V1 Datasheet
121Kb / 5P
Quad high-side smart-power solid-state relay demonstration board based on the VNI4140K-32
19-Dec-2011
More results

Similar Description - STEVAL-IFP016V2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ISO1I811T INFINEON-ISO1I811T Datasheet
1Mb / 31P
Isolated 8 Channel Digital Input with IEC61131-2 Type 1/2/3 Characteristics
Revision 1.0, 2011-03-18
ISO1I813T INFINEON-ISO1I813T Datasheet
2Mb / 55P
Isolated 8 Channel Digital Input with IEC61131-2 Type 1/2/3 Characteristics
Revision 1.0, 2011-03-30
logo
XP Power Limited
JCK2012S15 XPPOWER-JCK2012S15 Datasheet
294Kb / 2P
2 1 Input Range
JCD0512S05 XPPOWER-JCD0512S05 Datasheet
201Kb / 4P
2 1 Input Range
logo
Infineon Technologies A...
ISO1I813T INFINEON-ISO1I813T_15 Datasheet
1Mb / 57P
Isolated 8 Channel Digital Input with IEC61131-2 Type 1/2/3 Characteristics
V 2.1, 2015-05-22
ISO1I811T INFINEON-ISO1I811T_12 Datasheet
1Mb / 28P
Isolated 8 Channel Digital Input with IEC61131-2 Type 1/2/3 Characteristics
Revision 2.0, 2012-06-14
logo
STMicroelectronics
ST7FOXU0 STMICROELECTRONICS-ST7FOXU0 Datasheet
1Mb / 123P
1 additional output line
22-Nov-2007
logo
PEAK electronics GmbH
P10TG-123R3E21MLF PEAK-P10TG-123R3E21MLF Datasheet
143Kb / 3P
2:1 Wide Input
P14TG-123R3E21LF PEAK-P14TG-123R3E21LF Datasheet
131Kb / 3P
2:1 Wide Input
P22TG-123R3E21MLF PEAK-P22TG-123R3E21MLF Datasheet
151Kb / 3P
2:1 Wide Input
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com