Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IFP030V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IFP030V1
Description  High speed digital input current limiter evaluation board based on SCLT3-8BQ7
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP030V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IFP030V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP030V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP030V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP030V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IFP030V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
December 2015
DocID028760 Rev 1
1/5
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-IFP030V1
High speed digital input current limiter evaluation board based on
SCLT3-8BQ7
Data brief
Features
8 inputs - 8-bit SPI output
High side input with common ground
5 V voltage regulator
Package: QFN 7 x 7 - 48L
30 V reverse polarity capable
Adjustable current limiters
LED output for visual status
Optional 16-bit mode with parity check,
temperature and voltage alarms
Daisy chain capable
Input digital filter with adjustable 20 to 160
µs delay
Power dissipation 78 mW per channel
RoHS compliant
Description
This evaluation board implements an 8-line
protected digital input termination with serialized
state transfer for Programmable Logic
Controllers. It is based on the SCLT3-8BQ7
device.
The SCLT3-8BQ7 enhances the I/O module
density by cutting the dissipation (78 mW per
input) and reducing the opto-transistor count. An
adjustable digital filter and an LED driver are
embedded in each input section. Its 2 MHz SPI
peripheral output serializes the input state
transfer to the I/O module controller.
The STEVAL-IFP030V1 evaluation board
illustrates the flexibility of the SCTL3-8BQ7 with:
8/16-bit mode with parity check, temperature and
voltage alarms; daisy-chain capability; adjustable
digital minimal filter time (20 µs /160 µs).
The STEVAL-IFP030V1 evaluation board can be
chained with many other STEVAL-IFP030V1
evaluation boards.
The adapter board can be placed between the
first STEVAL-IFP030V1 evaluation board of the
chain and the STEVAL-PCC009V2 STM32x
microcontroller evaluation board. This adapter
provides 2 buses: isolated and non-isolated.


Similar Part No. - STEVAL-IFP030V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP031V1 STMICROELECTRONICS-STEVAL-IFP031V1 Datasheet
235Kb / 5P
High speed digital input current limiter evaluation board based on CLT01-8SQ7
17-Dec-2015
STEVAL-IFP032V1 STMICROELECTRONICS-STEVAL-IFP032V1 Datasheet
340Kb / 5P
Eight-channel high-side driver based on the VNI8200XP-32
02-Feb-2016
STEVAL-IFP034V1 STMICROELECTRONICS-STEVAL-IFP034V1 Datasheet
255Kb / 4P
Single high side driver based on IPS161H
January 2017 Rev 1
More results

Similar Description - STEVAL-IFP030V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI012V1 STMICROELECTRONICS-STEVAL-MKI012V1 Datasheet
114Kb / 4P
MEMS analog output evaluation board based on LIS3L06AL
16-Oct-2007
STEVAL-IFP007V1 STMICROELECTRONICS-STEVAL-IFP007V1 Datasheet
185Kb / 4P
16-bit PLC digital input card demonstration board based on the SCLT3
05-May-2009
AN3031 STMICROELECTRONICS-AN3031 Datasheet
1Mb / 28P
SCLT3-8 input termination demonstration board
06-Oct-2009
AN2400 STMICROELECTRONICS-AN2400 Datasheet
446Kb / 23P
Audio player evaluation board based on ST7Lite
10-Nov-2006
SCLT3-8BQ7 STMICROELECTRONICS-SCLT3-8BQ7 Datasheet
549Kb / 18P
High speed digital input current limiter with digital filter
November 2015
STEVAL-IFP031V1 STMICROELECTRONICS-STEVAL-IFP031V1 Datasheet
235Kb / 5P
High speed digital input current limiter evaluation board based on CLT01-8SQ7
17-Dec-2015
STEVAL-VNH5019A STMICROELECTRONICS-STEVAL-VNH5019A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5019A
16-Sep-2013
STEVAL-VNH5050A STMICROELECTRONICS-STEVAL-VNH5050A Datasheet
1Mb / 12P
Motor driver evaluation board based on VNH5050A
16-Sep-2013
CLT01-38SQ7 STMICROELECTRONICS-CLT01-38SQ7 Datasheet
488Kb / 18P
High speed digital input current limiter
31-Jul-2015
CLT03-2Q3 STMICROELECTRONICS-CLT03-2Q3 Datasheet
1Mb / 24P
Self powered digital input current limiter
25-Nov-2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com