Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IFP034V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IFP034V1
Description  Single high side driver based on IPS161H
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IFP034V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IFP034V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IFP034V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IFP034V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IFP034V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
January 2017
DocID030245 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-IFP034V1
Single high side driver based on IPS161H
Data brief
Features
Operating voltage range: 8 to 60 V
Operating current: 0.5 A max
Programmable cut-off delay time
Reverse polarity protection
Galvanic isolation
Input pins compatible with VCC rails
Green LED for channel ON/OFF status
Red LED for Common Diagnostic on:
open load in OFF state
cut-off
thermal protection
Microcontroller interface
Compliant with IEC 61000-4-2, IEC61000-4-
4 and IEC 61000-4-5
RoHS compliant
Description
The STEVAL-IFP034V1 evaluation board is
designed to analyze the IPS161H device
functionality.
It provides galvanic isolation between the user
interface and the power interface through optical
isolation implemented with optocouplers OPTO1
for forward signals to the device and OPT2 for
diagnostic feedback signals.
IEC 61000-4-2, IEC61000-4-4 and IEC 61000-4-
5 compliance is achieved by the IPS161H itself
and the U1 component (the external TVS
between VCC supply rail and power ground).
A dedicated GUI interface helps you test
IPS161H functionality. To use it, ensure the
STEVAL-IFP034V1 is connected via a 30-way
flat cable to a STEVAL-PCC009V2, which is
connected via USB to the PC running the GUI.


Similar Part No. - STEVAL-IFP034V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFP030V1 STMICROELECTRONICS-STEVAL-IFP030V1 Datasheet
237Kb / 5P
High speed digital input current limiter evaluation board based on SCLT3-8BQ7
17-Dec-2015
STEVAL-IFP031V1 STMICROELECTRONICS-STEVAL-IFP031V1 Datasheet
235Kb / 5P
High speed digital input current limiter evaluation board based on CLT01-8SQ7
17-Dec-2015
STEVAL-IFP032V1 STMICROELECTRONICS-STEVAL-IFP032V1 Datasheet
340Kb / 5P
Eight-channel high-side driver based on the VNI8200XP-32
02-Feb-2016
More results

Similar Description - STEVAL-IFP034V1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS21851SPBF IRF-IRS21851SPBF Datasheet
398Kb / 16P
SINGLE HIGH SIDE DRIVER IC
logo
STMicroelectronics
STEVAL-IFP002V1 STMICROELECTRONICS-STEVAL-IFP002V1 Datasheet
258Kb / 4P
High Side Driver - 8 Channel based on VN808
31-Jan-2006
VN610SP-E STMICROELECTRONICS-VN610SP-E Datasheet
186Kb / 18P
SINGLE CHANNEL HIGH SIDE DRIVER
Oct-2004
STEVAL-IFP005V2 STMICROELECTRONICS-STEVAL-IFP005V2 Datasheet
204Kb / 4P
High side driver demonstration board based on the VN751PT
16-Jul-2009
VN920-12-E STMICROELECTRONICS-VN920-12-E Datasheet
1Mb / 23P
Single-channel high side driver
20-Sep-2013
AN4373 STMICROELECTRONICS-AN4373 Datasheet
1Mb / 14P
Galvanically-isolated 8 channel high-side driver based on the ISO8200B
15-Oct-2013
logo
International Rectifier
IRS21850SPBF IRF-IRS21850SPBF_15 Datasheet
344Kb / 20P
SINGLE HIGH SIDE DRIVER IC
logo
STMicroelectronics
STEVAL-IFP022V1 STMICROELECTRONICS-STEVAL-IFP022V1 Datasheet
266Kb / 5P
Eight-channel high-side driver based on the VNI8200XP
19-Jul-2013
STEVAL-IFP028V1 STMICROELECTRONICS-STEVAL-IFP028V1 Datasheet
245Kb / 4P
Single high side driver based on IPS160H
08-Mar-2016
STEVAL-IFP032V1 STMICROELECTRONICS-STEVAL-IFP032V1 Datasheet
340Kb / 5P
Eight-channel high-side driver based on the VNI8200XP-32
02-Feb-2016
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com