Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IHM040V1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STEVAL-IHM040V1
Description  BLDC/PMSM driver demonstration board based on STM32 and the SLLIMM™nano
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM040V1 Datasheet(HTML) 2 Page - STMicroelectronics

  STEVAL-IHM040V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM040V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM040V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM040V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHM040V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IHM040V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Schematic diagrams
STEVAL-IHM040V1
2/6
Doc ID 024098 Rev 1
1
Schematic diagrams
Figure 1.
SLLIMM-based BLDC driver (1 of 3)
vdd-1
24
vss-1
23
pb11
22
pb10
21
pb2
20
pb1
19
pb0
18
pa7
17
pa6
16
pa5
15
pa4
14
pa3
13
pa2
12
pa1
11
pa0
10
vdda
9
vssa
8
nrst
7
pd1
6
pd0
5
pc15
4
pc14
3
pc13
2
vbat
1
pb12
25
pb13
26
pb14
27
pb15
28
pa8
29
pa9
30
pa10
31
pa11
32
pa12
33
pa13
34
vss-2
35
vdd-2
36
pa14
37
pa15
38
pb3
39
pb4
40
pb5
41
pb6
42
pb7
43
boot0
44
pb8
45
pb9
46
vss-3
47
vdd-3
48
U1
STM32F 1008T6
2.2K
R2
C1
0.22uF
3V3
GND
3V3
ifb
GND
bussense
GAL
GBL
GCL
GAH
GBH
GCH
3V3
GND
NRST
3V3
Y1
bemfa
bemfb
bemfc
3V3
C2
0.1uF
7.5k
R9
22k
R8
470
R5
3V3
D1
LED
ILIMIT
SWDIO
GND
3V3
SWCLK
1
2
3
4
5
1
2
3
4
5
P1
SWCLK
SWDIO
NRST
3V3
GND
2k Pot
R3
GND
3V3
2.2K
R4
2.2K
R6
2.2K
R7
onoff
TP1
TP7
TP6
TP5
TP4
TP3
TP8
TP9
TP10
1
TP2
U6
Optoisolator1
220
R49
3V3
GND
1k
R50
1
2
P3
Designator
Sheet2.SchDoc
Designator
Sheet3.SchDoc
1
TP11
1
R1
SD



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com