Electronic Components Datasheet Search
  English  ▼

X  

LPS255-CEF Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LPS255-CEF
Description  250 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS255-CEF Datasheet(HTML) 3 Page - Artesyn Technologies

  LPS255-CEF Datasheet HTML 1Page - Artesyn Technologies LPS255-CEF Datasheet HTML 2Page - Artesyn Technologies LPS255-CEF Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LPS250 Series Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
Artesyn Embedded Technologies, Artesyn and the Artesyn Embedded Technologies logo are trademarks and
service marks of Artesyn Embedded Technologies, Inc. All other names and logos referred to are trade
names, trademarks, or registered trademarks of their respective owners. © 2016 Artesyn Embedded
Technologies, Inc. All rights reserved. For full legal terms and conditions, please visit www.artesyn.com/legal.
www.artesyn.com
LPS250 DS 18Mar2016
Mechanical Drawing
5.0 (127.0)
2.0
(50.8)
1.18 (30.0)
9.0
(228.6)
6.64
(168.6)
3.42 (87.0)
.79
(20)
SK3
SK1
12345678
3 2 1
SK5
+ve -ve
Terminal
Block TB1
SK4
FAN
#6-32 (4 places)
5.46
(138.6)
8.52
(216.4)
M3 (4 places)
3.68
(93.6)
3.15
(80)
2.17
(55)
3.0
(76.2)
.55
(14)
1.30
(33.0)
Optional
(-CF)
Cover
with Fan
Optional
(-CEF)
Cover
with fans
10.32
(262.0)
SK7
FAN
AC Inlet
10.0
10.0
10.0
#6-32
M3
M3
#6-32
#6-32
Optional
(-CEF)
Cover
with fans
Optional
(-CF)
Cover
with Fan
.24 (6.1)
6-32 (2 places)
Main Output
6-32 (3 places)
Pin Assignments
Connector
SK1
PIN 1
Neutral
PIN 2
Line
PIN 3
Ground
SK3
PIN 1
+ Remote sense
PIN 2
- Remote sense
PIN 3
Remote inhibit (N.O.)
PIN 4
Remote inhibit (N.C.)
PIN 5
Common
PIN 6
Current sharing
PIN 7
Power fail
PIN 8
DC Power Good
SK4
PIN 1
+ Fan’s power source (12 V @ 500 mA)
PIN 2
- Fan’s power source (12 V @ 500 mA)
SK5
PIN 1
+ Supervisory output supply (5 V @ 100 mA)
PIN 2
- Supervisory output supply (5 V @ 100 mA)
SK7
PIN 1
+ Fan’s power source (12 V @ 500 mA)
PIN 2
- Fan’s power source (12 V @ 500 mA)
Mating Connectors
SK3
Molex 22-01-1084
PINS:08-70-0057
SK4
Molex 22-01-3027
PINS: 08-50-0114
SK5
Molex 22-01-3027
PINS: 08-50-0114
SK7
Molex 22-01-3027
PINS: 08-50-0114
Artesyn Embedded Technologies Connector Kit #70-841-005, includes all of the above
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ± 0.02”(± 0.5 mm)
3. Specifications are at factory settings.
4. To enable normally closed remote inhibit, cut jumper J1.
5. Mounting maximum insertion depth is 0.12”.
6. Warranty: 2 year
7. Weight: 2.6 lb / 1.19 kg



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com