Electronic Components Datasheet Search
  English  ▼

X  

LPS353-CEF Datasheet(PDF) 3 Page - Artesyn Technologies

Part # LPS353-CEF
Description  350 Watts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

LPS353-CEF Datasheet(HTML) 3 Page - Artesyn Technologies

  LPS353-CEF Datasheet HTML 1Page - Artesyn Technologies LPS353-CEF Datasheet HTML 2Page - Artesyn Technologies LPS353-CEF Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Embedded Power for
Business-Critical Continuity
Rev. 11.27.12
LPS350 Series
3 of 3
MechanicalDrawing
5.0 (127.0)
2.5
(63.5)
1.18 (30.0)
3.5
(88.9)
Optional
(-CEF)
Cover
with fans
9.0
(228.6)
6.64
(168.6)
3.42 (87.0)
.79
(20)
1
3 2 1
5 (5 a)
ve -ve
erinal
lo
1
4 Fan
6-32
C (8 plaes
)
5.46
(138.6)
8.52
(216.4)
3 (4 plaes)
3.68
(93.6)
3.15
(80)
2.17
(55)
.55
(14)
1.30
(33.0)
(-CF)
Cover
with fan
10.78
(273.8)
1
.24 (6.1)
6-32 (2 plaes)
ain Otpt
3
12345 678910
6 Fan
6-32 (3 plaes)
3 (6 plaes)
Notes:
1. Specificationssubjecttochangewithoutnotice.
2. Alldimensionsininches(mm),toleranceis±.02”.
3. Specificationsareatfactorysettings
4. ToenablenormallyclosedRemoteInhibit,cutjumperJ1.
5. Mountingmaximuminsertiondepthis0.12”.
6. Warranty:2year
7. Weight:3.6lb./1.64kg.
Americas
5810VanAllenWay
Carlsbad,CA92008
USA
Telephone:+17609304600
Facsimile: +17609300698
Europe (UK)
Waterfront Business Park
MerryHill,Dudley
WestMidlands,DY51LX
UnitedKingdom
Telephone:+44(0)1384842211
Facsimile: +44(0)1384843355
Asia (HK)
14/F,LuPlaza
2WingYipStreet
KwunTong,Kowloon
HongKong
Telephone:+85221763333
Facsimile: +85221763888
Forglobalcontact,visit:
www.Emerson.com/EmbeddedPower
techsupport.embeddedpower
@emerson.com
Whileeveryprecautionhasbeentakentoensure
accuracyandcompletenessinthisliterature,Emerson
NetworkPowerassumesnoresponsibility,anddisclaims
allliabilityfordamagesresultingfromuseofthis
information or for any errors or omissions.
EmersonandtheEmersonNetworkPower
logoaretrademarksofEmersonElectricCo.
©2012EmersonElectricCo.
Allrightsreserved.
EmersonNetworkPower.com
EmbeddedComputing
Embedded Power
Monitoring
OutsidePlant
PowerSwitching&Controls
PrecisionCooling
Racks&IntegratedCabinets
Services
SurgeProtection
Emerson Network Power.
Thegloballeaderinenabling
business-critical continuity.
ACPower
Connectivity
DCPower



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com