Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IHT001V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IHT001V2
Description  Cold thermostat kit based on AC switches and the STM8S
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHT001V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IHT001V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHT001V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHT001V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHT001V2 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHT001V2 Datasheet HTML 5Page - STMicroelectronics STEVAL-IHT001V2 Datasheet HTML 6Page - STMicroelectronics STEVAL-IHT001V2 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For further information contact your local STMicroelectronics sales office.
October 2012
Doc ID 023175 Rev 3
1/7
7
STEVAL-IHT001V2
Cold thermostat kit based on AC switches and the STM8S
Data brief
Features
■ Low-cost solution for spark-free thermostats:
– No need for a sealed version
– Low-cost STM8S microcontroller for
thermostat control
– Low-cost capacitive power supply
■ High efficiency:
– Refrigerator consumption reduction by
adjusting and reducing the hysteresis
threshold of the temperature
– Improved efficiency by turning on the
defrost resistor only when it's useful and
not at each OFF cycle of the compressor
(as done in some mechanical thermostats)
■ High system immunity:
– Overvoltage protected ACS switches:
ACST610-8FP for compressor control,
ACS110-7SN for defrost resistor and
ACS102-6TA for light bulb and fan
– Class A criteria for IEC 61000-4-4 up to
above 3 kV levels
■ Flexibility:
– Development: program setting with PC
interface to change firmware variables
– Industrialization: end-of-production MCU
programming thanks to FLASH, for soft
upgrade and efficient MCU stock
management
■ RoHS compliant
Description
The STEVAL-IHT001V2 thermostat kit provides a
robust and low-cost ST solution (microcontroller
and AC switches) to control refrigerators, freezers
or fridge/freezer combinations.
Basic, defrost, and air circulation versions are
configurable in order to address the low-end and
medium-end cooling appliances market. It allows
the control of a single-phase induction motor and
a light bulb, and optionally, a defrost resistor and a
fan, working on 220/240 VRMS, 50/60 Hz mains
voltage. The thermostat kit is operational with
100/120 V RMS 50/60 Hz but the supply capacitor
value must be modified.
The board can operate in an ambient temperature
range from 0 °C to 60 °C.
The exact maximum temperature depends on the
power of the loads. For demonstrative purposes a
graphic user interface (GUI) has been developed.
The connection between the PC and STM8S
microcontroller, the MCU performing thermostat
regulation, is achieved through a USB bus.
As the STM8S is a low-cost MCU without an
embedded USB peripheral, an additional MCU
(STM32) has been used as a bridge between the
PC and STM8S MCU, for demonstrative purposes
only.
www.st.com


Similar Part No. - STEVAL-IHT001V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
More results

Similar Description - STEVAL-IHT001V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ICB003V1 STMICROELECTRONICS-STEVAL-ICB003V1 Datasheet
207Kb / 5P
Smart touchpanel interface based on the STMPE1208S, STLED316S and STM8S
13-Jul-2009
STEVAL-ICB008V1 STMICROELECTRONICS-STEVAL-ICB008V1 Datasheet
136Kb / 6P
Touch-sensing software library demonstration board based on the STM8S
18-Nov-2010
STEVAL-MKI114V1 STMICROELECTRONICS-STEVAL-MKI114V1 Datasheet
107Kb / 4P
Magnetic field probe kit based on the LSM303DLHC
12-Jul-2012
STEVAL-IHT007V1 STMICROELECTRONICS-STEVAL-IHT007V1 Datasheet
199Kb / 4P
Extension board with ACS switches for STM8S Discovery Kit
16-Dec-2011
STEVAL-ILL029V1 STMICROELECTRONICS-STEVAL-ILL029V1 Datasheet
147Kb / 7P
Front panel demonstration board based on the STLED325 and STM8S
23-Jun-2010
AN2937 STMICROELECTRONICS-AN2937 Datasheet
1Mb / 41P
Power system demonstration kit based on the PM6686 dual
20-Aug-2009
UM0277 STMICROELECTRONICS-UM0277 Datasheet
1Mb / 32P
Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
28-Aug-2006
UM1542 STMICROELECTRONICS-UM1542 Datasheet
2Mb / 43P
Cold thermostat kit based on AC switches and the STM8S003F3
10-Sep-2012
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
STEVAL-IPE010V1 STMICROELECTRONICS-STEVAL-IPE010V1 Datasheet
99Kb / 4P
Energy meter demonstration kit motherboard based on the STPMC1 and STPMS1
June 2010 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com