Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ILL035V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ILL035V1
Description  Up to 15 white LEDs per channel
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ILL035V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ILL035V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ILL035V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ILL035V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ILL035V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ILL035V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ILL035V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
For further information contact your local STMicroelectronics sales office.
June 2012
Doc ID 023200 Rev 1
1/6
6
STEVAL-ILL035V1
Multi-channel LED driver with integrated boost controller for medium,
large LCD panel backlight based on LED7708 and STM32F103C6T6A
Data brief
Features
■ Wide DC input voltage: 10 V to 28 V
■ Integrated boost converter with adaptive output
voltage for minimum power dissipation
■ Up to 92% boost converter efficiency
■ 16 channels with up to 85 mA/ch current
capability and independent PWM brightness
control
■ Up to 15 white LEDs per channel
■ On-board STM32 microcontroller for total
device control through 4-wire serial interface
■ Embedded open-channel and LED short-circuit
faults management
■ USB connection for device control through
dedicated PC-GUI
■ Expansion connector to support slave devices
(daughterboard)
■ RoHS compliant
Description
The purpose of the STEVAL-ILL035V1
demonstration board is to provide an application
example of a compact LED backlight driver using
the LED7708 device.
The board is equipped with a 16-channel LED
driver with integrated boost controller (the
LED7708), power section components, and an
STM32 microcontroller to easily control all the
features via a USB connection.
The output voltage required by the LED strings
connected to the output channels is derived from
a single input rail and continuously adjusted to
minimize the voltage drop (and power dissipation)
across them, despite an independent PWM duty
cycle for each one. The brightness of each LED
string is digitally controlled with 12- or 16-bit
dimming resolution.
Embedded, programmable fault detection and
management circuitry can be set to automatically
disconnect faulty channels without the need for
intervention by the host controller.
The board has been designed as a demonstration
of a solution for medium/large LCD panel
backlight drivers, but is suitable for any application
involving several LEDs assembled in strings (e.g.
advertisement panels, signs, gaming, etc.).
STEVAL-ILL035V1
www.st.com


Similar Part No. - STEVAL-ILL035V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ILL030V1 STMICROELECTRONICS-STEVAL-ILL030V1 Datasheet
197Kb / 12P
LED lighting control demonstration board using DMX512 based on the STM32F103C6 and STCS1A
24-Nov-2010
STEVAL-ILL031V1 STMICROELECTRONICS-STEVAL-ILL031V1 Datasheet
145Kb / 6P
Digital constant-current controller for LED driving based on the STM8S208x
11-Nov-2010
STEVAL-ILL033V1 STMICROELECTRONICS-STEVAL-ILL033V1 Datasheet
322Kb / 6P
Control unit with PS2 keyboard interface for data entry
21-Oct-2011
STEVAL-ILL034V1 STMICROELECTRONICS-STEVAL-ILL034V1 Datasheet
170Kb / 4P
LED driver for an A19 lamp based on the L6562A for USA market
25-Nov-2010
STEVAL-ILL037V1 STMICROELECTRONICS-STEVAL-ILL037V1 Datasheet
91Kb / 4P
Demonstration board for the HVLED805 IC for LED power supply
13-Apr-2011
More results

Similar Description - STEVAL-ILL035V1

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT1239-1 ANALOGICTECH-AAT1239-1 Datasheet
909Kb / 21P
40V Step-Up Converter for 4 to 10 White LEDs
logo
Eutech Microelectronics...
EUP2561 EUTECH-EUP2561 Datasheet
453Kb / 9P
26V Step-Up Converters for Two to Six White LEDs
logo
Advanced Analogic Techn...
AAT1239-1 ANALOGICTECH-AAT1239-1_08 Datasheet
1Mb / 23P
40V Step-Up Converter for 4 to 10 White LEDs
AAT1239-1_0810 ANALOGICTECH-AAT1239-1_0810 Datasheet
1Mb / 23P
40V Step-Up Converter for 4 to 10 White LEDs
logo
Eutech Microelectronics...
EUP2595 EUTECH-EUP2595 Datasheet
411Kb / 10P
32V Step-Up Converters for Two to Nine White LEDs
logo
STMicroelectronics
STEVAL-TLL013V1 STMICROELECTRONICS-STEVAL-TLL013V1 Datasheet
103Kb / 4P
5-channel (2 LEDs in series per channel) step-up white LED driver demonstration board based on the STLED25
21-Sep-2011
logo
Monolithic Power System...
MP3301 MPS-MP3301 Datasheet
490Kb / 11P
1.3MHz, 700mA, Fixed-Frequency Step-Up Driver for up to 10 White LEDS
logo
Rohm
BD6581GU-E2 ROHM-BD6581GU-E2 Datasheet
788Kb / 35P
6-Channel White LED Driver for up to 72 LEDs
logo
International Rectifier
IRS23365DMPBF IRF-IRS23365DMPBF_15 Datasheet
594Kb / 37P
Gate drive supplies up to 20 V per channel
logo
Honeywell Solid State E...
HMR3000 HONEYWELL-HMR3000_16 Datasheet
446Kb / 7P
Up to 20 Updates per Second
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com