Electronic Components Datasheet Search
  English  ▼

X  

HIP2101IBZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # HIP2101IBZ
Description  100V/2A Peak, Low Cost, High Frequency Half Bridge Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2101IBZ Datasheet(HTML) 3 Page - Intersil Corporation

  HIP2101IBZ Datasheet HTML 1Page - Intersil Corporation HIP2101IBZ Datasheet HTML 2Page - Intersil Corporation HIP2101IBZ Datasheet HTML 3Page - Intersil Corporation HIP2101IBZ Datasheet HTML 4Page - Intersil Corporation HIP2101IBZ Datasheet HTML 5Page - Intersil Corporation HIP2101IBZ Datasheet HTML 6Page - Intersil Corporation HIP2101IBZ Datasheet HTML 7Page - Intersil Corporation HIP2101IBZ Datasheet HTML 8Page - Intersil Corporation HIP2101IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
FN9025.8
Functional Block Diagram
UNDER
VOLTAGE
VDD
HI
LI
VSS
DRIVER
DRIVER
HB
HO
HS
LO
LEVEL SHIFT
UNDER
VOLTAGE
EPAD (EPSOIC, QFN and DFN PACKAGES ONLY)
*EPAD = Exposed Pad. The EPAD is electrically isolated from all other pins. For
best thermal performance connect the EPAD to the PCB power ground plane.
SECONDARY
HIP
2101
ISOLATION
PWM
+48V
+12V
CIRCUIT
FIGURE 1. TWO-SWITCH FORWARD CONVERTER
SECONDARY
CIRCUIT
HIP
2101
ISOLATION
PWM
+48V
+12V
FIGURE 2. FORWARD CONVERTER WITH AN ACTIVE CLAMP
HIP2101



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com