Electronic Components Datasheet Search
  English  ▼

X  

UTD2002 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # UTD2002
Description  Threshold Detector 10 to 2000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTD2002 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  UTD2002 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTD2002 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTD2002 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTD2002 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Threshold Detector
10 to 2000 MHz
Technical Data
Description
The UTD-2002 is a sensitive
microwave threshold detector
which provides efficient and
accurate RF level measurement at
critical system points. It contains
a Schottky diode detector, com-
parator, and a temperature
compensated voltage reference
assembly. The unit is built with
chip and wire construction, on a
thin-film substrate for small size
and ruggedness.
UTD-2002
Pin Configuration
TO-8F
Features
• Externally Set Threshold
• TTL Output
• Low VSWR
• 20 dB Threshold Range
Applications
• Specifically Designed for
System Built-in Test
• Built for Retrofitting
• Channel RF Activity
Monitoring
GROUND
TTL OUT
REFERENCE
V
RF
IN
+
Maximum Ratings
Parameter
Maximum
DC Voltage
+17 V
Continuous RF Input Power
+15.0 dBm
Operating Case Temperature
–55
°C to +125°C
Storage Temperature
–62
°C to +150°C
“R” Series Burn-In Temperature
+125
°C
DC Voltage Reference
+12 V
Weight:
(typical) 2.1 grams


Similar Part No. - UTD2002

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTD2004 TELEDYNE-UTD2004 Datasheet
129Kb / 5P
Threshold Detector 10 to 2000 MHz
More results

Similar Description - UTD2002

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DTD05097 DAICO-DTD05097 Datasheet
106Kb / 1P
Threshold Detector
logo
Spectrum Microwave, Inc...
TMJ9902 SPECTRUM-TMJ9902 Datasheet
236Kb / 1P
Threshold Detector
logo
Micronetics, Inc.
NMA2412-A1S MICRONETICS-NMA2412-A1S Datasheet
347Kb / 2P
Legacy 10 MHz to 2000 MHz
NMA2412-A1T MICRONETICS-NMA2412-A1T Datasheet
377Kb / 2P
Legacy 10 MHz to 2000 MHz
NMA2412-B1T MICRONETICS-NMA2412-B1T Datasheet
166Kb / 2P
Legacy 10 MHz to 2000 MHz
NMA2412-B2S MICRONETICS-NMA2412-B2S Datasheet
190Kb / 2P
Legacy 10 MHz to 2000 MHz
NMA2412-B2T MICRONETICS-NMA2412-B2T Datasheet
357Kb / 2P
Legacy 10 MHz to 2000 MHz
logo
API Technologies Corp
TMJ9924 APITECH-TMJ9924 Datasheet
100Kb / 1P
THRESHOLD DETECTOR
logo
Teledyne Technologies I...
AC2039 TELEDYNE-AC2039 Datasheet
180Kb / 2P
10 TO 2000 MHz 10 TO 2000 MHz
UTD2004 TELEDYNE-UTD2004 Datasheet
129Kb / 5P
Threshold Detector 10 to 2000 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com