Electronic Components Datasheet Search
  English  ▼

X  

UTD2004 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # UTD2004
Description  Threshold Detector 10 to 2000 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTD2004 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  UTD2004 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTD2004 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTD2004 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTD2004 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTD2004 Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ +5 VDC)
Symbol
Unit
T
C = – 55 to +85°C
100-2000
–25 to –10
±1.0
2.0:1
2.2:1
±1.5
1.5
300
300
—
—
—
1
2.7
5
5.0
MHz
dBm
dB
—
—
dB
dB
µs
µs
Ω
Ω
Ω
—
V
V
mA
T
C = 0 to 50°C
Guaranteed Specifications
Typical
T
C
= 25
°C
10-2000
–25 to –10
±1.0
2.0:1
2.2:1
—
1.5
300
300
—
—
—
1
2.7
5
5.0
Characteristic
—
—
—
—
—
—
—
—
—
—
—
—
—
Frequency (Min.)
Input Operating Range
Input Flatness (Max.)
Input VSWR (Max.)
–25 < PIN < –20 dBm
–20 < PIN < –10 dBm
Threshold Temperature Stability (Max.)
Threshold Hysteresis (Max.)
Response Time (see Note 1) (Max.)
TON, 90% RF to TTL “1”
TOFF, 10% RF to TTL “0”
Control Resistance at Threshold Level:
PIN = –25 dBm
PIN = –20 dBm
PIN = –10 dBm
Output Compatibility (Standard TTL
Loads) (Min.)
Output Voltage (see Note 2) (Min.)
Supply Voltage
Supply Current @ +5 VDC (Max.)
10-2000
–25 to –10
±0.5
1.5:1
1.8:1
—
0.7
20
30
50
200
2000
2
3.6
5-20
2.5
Notes: 1. Response time for input change > 3 dB above CW threshold. RLOAD = 1 M Ω, CLOAD = 80 pF.
2. Output voltage for PIN = > threshold, RLOAD = 1 M Ω.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com