Electronic Components Datasheet Search
  English  ▼

X  

UTF0025 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # UTF0025
Description  Attenuator 5 to 2500 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTF0025 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  UTF0025 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTF0025 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTF0025 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTF0025 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTF0025 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTF0025 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ +15 VDC nominal)
Symbol
Unit
T
C
= –55 to +85
°C
5-2000
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
MHz
dB
dB
dB
dB
dB
dB
dB
—
—
dBm
dB
dB
dB
µs
VDC
mA
VDC
mA
T
C
= 0 to 50
°C
Guaranteed Specifications
Typical
T
C
= 25
°C
5-2500
33.0
28.0
23.0
17.0
2.0
2.8
3.5
1.5:1
1.8:1
+30
±0.4
±0.6
±0.8
75
+15
15
1 to +15
0 to 7
5-2000
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Characteristic
BW
—
—
—
—
—
—
—
—
—
—
Frequency Range
Attenuation, Min. (VC = 0 V)
5-500 MHz
500-1000 MHz
1000-2000 MHz
2000-2500 MHz
Insertion Loss, Max. (VC = +15 V)
5-1000 MHz
1000-2000 MHz
2000-2500 MHz
VSWR (Worst Case In Attenuation
Range)
5-1000 MHz
1000-2000 MHz
Intercept Point
Flatness Over Frequency (Min. to 15 dB)
5-1000 MHz
1000-2000 MHz
(Min. to 20 dB)
5-1000 MHz
Switching Speed (10% to 90%)
(ON to OFF or OFF to ON)
Bias Voltage
Bias Current
Control Voltage
Control Current



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com