Electronic Components Datasheet Search
  English  ▼

X  

UTF0040 Datasheet(PDF) 1 Page - Teledyne Technologies Incorporated

Part # UTF0040
Description  Attenuator 10 to 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTF0040 Datasheet(HTML) 1 Page - Teledyne Technologies Incorporated

  UTF0040 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTF0040 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTF0040 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTF0040 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTF0040 Datasheet HTML 5Page - Teledyne Technologies Incorporated UTF0040 Datasheet HTML 6Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Attenuator
10 to 1000 MHz
Technical Data
Description
The UTF-040 is a thin-film voltage-
controlled RF attenuator that
operates from 10 to 1000 MHz.
Utilizing PIN diodes, attenuation
over frequency typically has
±0.5 dB flatness over the complete
control voltage range. On the
average, the attenuation will
change roughly 5 dB for 2-volt
increment. The UTF-040 is avail-
able in either the TO-8 hermetic
case or connectorized TC-1
package.
UTF-040
Pin Configuration
TO-8F
Features
• 40 dB Attenuation Range
• Negative Control Voltage
Applications
• Open and Closed Loop Gain
Control
• AGC Circuits
GROUND
CONTROL
V
RF
IN
+
RF
OUT
TC-1
RF
V +
IN
RFOUT
Maximum Ratings
Parameter
Maximum
DC Voltage
+17 Volts
Continuous RF Input Power
+23.0 dBm
Operating Case Temperature
–55 to +125
°C
Storage Temperature
–62 to +150
°C
“R” Series Burn-In Temperature
+125
°C
Weight:
(typical) 2.1 grams
Schematic
RF
IN
RF
OUT


Similar Part No. - UTF0040

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
UTF0015 TELEDYNE-UTF0015 Datasheet
133Kb / 4P
Attenuator 5 to 1000 MHz
UTF0025 TELEDYNE-UTF0025 Datasheet
150Kb / 6P
Attenuator 5 to 2500 MHz
UTF0030 TELEDYNE-UTF0030 Datasheet
135Kb / 5P
Attenuator 100 to 2000 MHz
UTF0035 TELEDYNE-UTF0035 Datasheet
215Kb / 10P
Attenuator 50 to 2000 MHz
More results

Similar Description - UTF0040

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A19-1 MACOM-A19-1 Datasheet
110Kb / 1P
10 TO 1000 MHz CASCADABLE AMPLIFIER
logo
Mini-Circuits
TOAT-3610 MINI-TOAT-3610 Datasheet
89Kb / 2P
Digital Step Attenuator, 50ohm TTL Control, Pin Diode 10 to 1000 MHz
logo
Tyco Electronics
A17 MACOM-A17_1 Datasheet
360Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
A1031 MACOM-A1031_1 Datasheet
375Kb / 2P
Cascadable Amplifier 10 to 1000 MHz
logo
Micronetics, Inc.
NMA2410-A2T MICRONETICS-NMA2410-A2T Datasheet
318Kb / 2P
Legacy 10 MHz to 1000 MHz
NMA2410-B1T MICRONETICS-NMA2410-B1T Datasheet
302Kb / 2P
Legacy 10 MHz to 1000 MHz
NMA2410-B2S MICRONETICS-NMA2410-B2S Datasheet
146Kb / 1P
Legacy 10 MHz to 1000 MHz
NMA2410-A2S MICRONETICS-NMA2410-A2S Datasheet
201Kb / 2P
Legacy 10 MHz to 1000 MHz
NMA2410-B2T MICRONETICS-NMA2410-B2T Datasheet
326Kb / 2P
Legacy 10 MHz to 1000 MHz
logo
Teledyne Technologies I...
UTF0015 TELEDYNE-UTF0015 Datasheet
133Kb / 4P
Attenuator 5 to 1000 MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com