Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA079V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA079V1
Description  Extremely low quiescent current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA079V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA079V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA079V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA079V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA079V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice. For further information contact your local STMicroelectronics sales office.
March 2012
Doc ID 022890 Rev 1
1/4
4
STEVAL-ISA079V1
High efficiency monolithic synchronous step-down regulator based
on the L6928D
Data brief
− preliminary data
Features
■ 2 V to 5.5 V battery input range
■ High efficiency: up to 95%
■ Extremely low quiescent current
■ 1 µA max. shutdown supply current
■ 800 mA max. output current
■ Adjustable output voltage from 0.6 V
■ Low dropout operation: up to 100% duty cycle
■ ± 1% output voltage accuracy
■ 1.4 MHz switching frequency externally
synchronizable from 1 MHz to 2 MHz
■ Short-circuit protection
■ RoHS compliant
Description
The STEVAL-ISA079V1 demonstration board is
based on the DC-DC monolithic regulator
L6928D, specifically designed to provide
extremely high efficiency.
The L6928D supply voltage can be as low as 2 V,
allowing it to be used in single Li-Ion cell supplied
applications.
Output voltage can be selected by an external
divider down to 0.6 V.
Duty cycle can saturate to 100%, allowing low
dropout operation.
The previous part number for this demonstration
board was EVAL6928D.
www.st.com


Similar Part No. - STEVAL-ISA079V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA079V2 STMICROELECTRONICS-STEVAL-ISA079V2 Datasheet
106Kb / 4P
High-efficiency monolithic synchronous step-down regulator based on the L6928
06-Oct-2011
More results

Similar Description - STEVAL-ISA079V1

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
Low Quiescent Current LDO
2003
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
Low Quiescent Current LDO
logo
AVAGO TECHNOLOGIES LIMI...
ACPM-7311-OR1 AVAGO-ACPM-7311-OR1 Datasheet
672Kb / 16P
Low quiescent current
ACPM-7331-OR1 AVAGO-ACPM-7331-OR1 Datasheet
803Kb / 16P
Low quiescent current
ACPM-7381-OR1 AVAGO-ACPM-7381-OR1 Datasheet
803Kb / 15P
Low quiescent current
logo
STMicroelectronics
STEVAL-ISA078V1 STMICROELECTRONICS-STEVAL-ISA078V1 Datasheet
1Mb / 4P
Extremely low quiescent current
20-Mar-2012
L5150BN STMICROELECTRONICS-L5150BN Datasheet
457Kb / 20P
Low quiescent current
03-Jun-2015
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com