Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA089V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA089V1
Description  Short-circuit protection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA089V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA089V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA089V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA089V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA089V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
April 2011
Doc ID 018690 Rev 1
1/4
4
STEVAL-ISA089V1
1.5 A step-down switching regulator based on the L5972D
Features
■ Max output current: 1.5 A
■ Output voltage from 1.235 V to 35 V
■ Operating input voltage from 4.4 V to 36 V
■ Internal switching frequency: 250 kHz
■ Synchronization pin for cases where a higher
frequency (up to 500 kHz) is required
■ Short-circuit protection
■ Inhibit pin
■ Thermal shutdown
■ RoHS compliant
Description
The STEVAL-ISA089V1 demonstration board
provides a platform for evaluation of the L5972D,
a step-down monolithic power switching regulator
with a minimum switch current limit of 2 A capable
of delivering more than 1.5 A of DC current to the
load depending on application conditions.
The input supply voltage of the STEVAL-
ISA089V1 can range from 4.4 V to 25 V based on
the rated voltage of the input capacitor, while the
output voltage is adjustable from 1.235 V to VCC.
STEVAL-ISA089V1
www.st.com


Similar Part No. - STEVAL-ISA089V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA080V1 STMICROELECTRONICS-STEVAL-ISA080V1 Datasheet
88Kb / 4P
90 W HB LLC resonant converter demonstration board based on the L6585DE combo IC
25-Feb-2011
STEVAL-ISA082V1 STMICROELECTRONICS-STEVAL-ISA082V1 Datasheet
114Kb / 4P
4 A peak 800 kHz fixed-frequency PWM synchronous step-down demonstration board with enable on/off based on the ST1S40IPHR
27-Sep-2011
STEVAL-ISA083V1 STMICROELECTRONICS-STEVAL-ISA083V1 Datasheet
115Kb / 4P
Short-circuit protected
27-Sep-2011
STEVAL-ISA084V1 STMICROELECTRONICS-STEVAL-ISA084V1 Datasheet
108Kb / 4P
4 A peak, 800 kHz fixed-frequency PWM synchronous step-down demonstration board with enable on/off based on the ST1S40
28-Nov-2010
STEVAL-ISA088V1 STMICROELECTRONICS-STEVAL-ISA088V1 Datasheet
74Kb / 4P
1 A step-down switching regulator based on the L5970D
01-Apr-2011
More results

Similar Description - STEVAL-ISA089V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L149H STMICROELECTRONICS-L149H Datasheet
119Kb / 6P
SHORT CIRCUIT PROTECTION
Jul-2003
logo
Central Technologies
CTDD3220DF-D1R5K-3MW CT-CTDD3220DF-D1R5K-3MW Datasheet
277Kb / 2P
Continuous Short Circuit Protection
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
Short circuit protection
logo
Astec America, Inc
ASA ASTEC-ASA Datasheet
115Kb / 2P
Short circuit protection
logo
Inchange Semiconductor ...
LM7824 ISC-LM7824 Datasheet
236Kb / 2P
Short circuit protection
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
Short-circuit protection
17-Dec-2014
STEVAL-ILL074V1 STMICROELECTRONICS-STEVAL-ILL074V1 Datasheet
291Kb / 5P
Short circuit protection
10-Mar-2016
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
Short circuit protection
20-Feb-2017
L78S STMICROELECTRONICS-L78S Datasheet
983Kb / 35P
Short circuit protection
10-Mar-2014
logo
PEAK electronics GmbH
P6LG-053R3EK PEAK-P6LG-053R3EK Datasheet
149Kb / 3P
Short Circuit Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com