Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA099V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA099V1
Description  3 A step-down switching demonstration board based on the L7986 in DFN10 package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA099V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA099V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA099V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA099V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA099V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
April 2012
Doc ID 023083 Rev 1
1/4
4
STEVAL-ISA099V1
3 A step-down switching demonstration board based on the L7986
in DFN10 package
Data brief
Features
■ 3 A DC output current
■ From 4.5 V to 38 V range input voltage
■ Output voltage adjustable from 0.6 V
■ 250 kHz switching frequency programmable up
to 1 MHz
■ Internal soft-start and enable
■ Low dropout operation: 100% duty cycle
■ Voltage feed-forward
■ Zero load current operation
■ Overcurrent and thermal protection
■ RoHS compliant
Description
The STEVAL-ISA099V1 demonstration board is a
step-down switching power supply based on the
L7986 in DFN10 package.
The L7986 is a step-down regulator with a 3.7 A
(minimum) current limited embedded power
MOSFET, so it is able to deliver up to 3 A current
to the load depending on the application
conditions.
The input voltage can range from 4.5 V to 38 V,
while the output voltage can be set starting from
0.6 V to VIN.
Requiring a minimum set of external components,
the device includes an internal 250 kHz switching
frequency oscillator that can be externally
adjusted up to 1 MHz.
www.st.com


Similar Part No. - STEVAL-ISA099V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA090V1 STMICROELECTRONICS-STEVAL-ISA090V1 Datasheet
175Kb / 4P
3.5 A step-down switching regulator based on the L4973
01-Apr-2011
STEVAL-ISA091V1 STMICROELECTRONICS-STEVAL-ISA091V1 Datasheet
104Kb / 4P
2 A step-down switching power supply demonstration board based on the L7980 (QFN)
23-Dec-2011
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
STEVAL-ISA093V1 STMICROELECTRONICS-STEVAL-ISA093V1 Datasheet
104Kb / 4P
3 A step-down switching power supply demonstration board
23-Dec-2011
STEVAL-ISA094V1 STMICROELECTRONICS-STEVAL-ISA094V1 Datasheet
86Kb / 4P
3 A step-down switching power supply demonstration board based on the L7981 (HSOP8)
23-Dec-2011
More results

Similar Description - STEVAL-ISA099V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL5985 STMICROELECTRONICS-EVAL5985 Datasheet
190Kb / 6P
2 A step-down switching regulator demonstration board based on the L5985
19-Jan-2009
EVAL5987A STMICROELECTRONICS-EVAL5987A Datasheet
286Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
STEVAL-ISA092V1 STMICROELECTRONICS-STEVAL-ISA092V1 Datasheet
95Kb / 4P
2 A step-down switching demonstration board based on the L7980
21-Dec-2011
STEVAL-ISA094V1 STMICROELECTRONICS-STEVAL-ISA094V1 Datasheet
86Kb / 4P
3 A step-down switching power supply demonstration board based on the L7981 (HSOP8)
23-Dec-2011
STEVAL-ISA097V1 STMICROELECTRONICS-STEVAL-ISA097V1 Datasheet
309Kb / 4P
2 A step-down switching demonstration board based on the L7985 in DFN10 package
27-Apr-2012
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
3 A step-down switching demonstration board based on the L7986A in HSOP8 package
27-Apr-2012
EVAL5980 STMICROELECTRONICS-EVAL5980 Datasheet
287Kb / 6P
0.7 A step-down switching regulator demonstration board based on the L5980
02-Mar-2009
EVAL5981 STMICROELECTRONICS-EVAL5981 Datasheet
209Kb / 6P
1 A step-down switching regulator demonstration board based on the L5981
02-Mar-2009
EVAL5983 STMICROELECTRONICS-EVAL5983 Datasheet
251Kb / 6P
1.5 A step-down switching regulator demonstration board based on the L5983
02-Mar-2009
EVAL5987 STMICROELECTRONICS-EVAL5987 Datasheet
285Kb / 6P
3 A step-down switching regulator demonstration board based on the L5987, L5987A
04-Nov-2009
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com