Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA102V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA102V2
Description  RoHS compliant
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA102V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA102V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA102V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA102V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA102V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
September 2016
DocID029799 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-ISA102V2
80 W high performance transition mode PFC evaluation board
based on L6562A
Data brief
Features
Line voltage range: 88 to 265 VAC
Minimum line frequency (fL): 47 Hz
Regulated output voltage: 400 V
Rated output power: 80 W
Maximum 2fL output voltage ripple: 10 V pk-
pk
Hold-up time: 20 ms (VDROP after hold-up
time: 300 V)
Minimum switching frequency: 35 kHz
Minimum estimated efficiency: 92% (VIN =
90 VAC, POUT = 80 W)
Maximum ambient temperature: 50 °C
PCB type and size: single-
side, 35 μm,
CEM-1, 108 x 57 mm
RoHS compliant
Description
The L6562A is a current-mode PFC controller
operating in transition mode (TM). With the same
pinout as its L6562 predecessor, the L6562A
offers improved performance mainly in terms of
efficiency and noise immunity.
The STEVAL-ISA102V2 implements an 80 W,
wide-range mains input and a PFC pre-
conditioner suitable for lighting, adapters,
consumer smps, etc.


Similar Part No. - STEVAL-ISA102V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA100V1 STMICROELECTRONICS-STEVAL-ISA100V1 Datasheet
302Kb / 4P
3 A step-down switching demonstration board based on the L7986A in HSOP8 package
27-Apr-2012
STEVAL-ISA101V1 STMICROELECTRONICS-STEVAL-ISA101V1 Datasheet
234Kb / 4P
2 A DC step-down switching regulator with 4 V/36 V input voltage range based on the L5973D
30-May-2012
STEVAL-ISA103V1 STMICROELECTRONICS-STEVAL-ISA103V1 Datasheet
225Kb / 4P
Overload protection
March 2012 Rev 1
STEVAL-ISA104V1 STMICROELECTRONICS-STEVAL-ISA104V1 Datasheet
249Kb / 4P
Up to 3 A step-down switching regulator (Vin = 5.5 V to 48 V) based on the ST1S14
06-Aug-2012
STEVAL-ISA105V1 STMICROELECTRONICS-STEVAL-ISA105V1 Datasheet
193Kb / 4P
RoHS compliant
August 2012 Rev 1
More results

Similar Description - STEVAL-ISA102V2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6612TRPBF IRF-IRF6612TRPBF Datasheet
249Kb / 10P
RoHs Compliant
IRF6691TR1PBF IRF-IRF6691TR1PBF Datasheet
642Kb / 10P
RoHs Compliant
logo
Littelfuse
L4008D6RP LITTELFUSE-L4008D6RP Datasheet
176Kb / 8P
RoHS Compliant
logo
Everlight Electronics C...
15-21-Y2SC-A0S1T1B25E EVERLIGHT-15-21-Y2SC-A0S1T1B25E Datasheet
351Kb / 14P
RoHS compliant
19-213-Y2SC-9AS1T1B0E-3T EVERLIGHT-19-213-Y2SC-9AS1T1B0E-3T Datasheet
438Kb / 11P
RoHS compliant
Sep .2.2013
logo
Pulse A Technitrol Comp...
HX1198FNLT PULSE-HX1198FNLT Datasheet
454Kb / 4P
ROHS COMPLIANT
23Z105SMFNL PULSE-23Z105SMFNL Datasheet
360Kb / 3P
ROHS COMPLIANT
E2081FNL PULSE-E2081FNL Datasheet
444Kb / 3P
ROHS COMPLIANT
E2457FNL PULSE-E2457FNL Datasheet
437Kb / 3P
ROHS COMPLIANT
EX2024FNL PULSE-EX2024FNL Datasheet
361Kb / 3P
ROHS COMPLIANT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com