Electronic Components Datasheet Search
  English  ▼

X  

ILA1519 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # ILA1519
Description  2 x 6 Watt Stereo Car Radio Power Amplifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ILA1519 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  ILA1519 Datasheet HTML 1Page - List of Unclassifed Manufacturers ILA1519 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ILA1519
2
INTEGRAL
DC CHARACTERISTICS (note 1)
Vp = 14,4 V; Tamb = 25
oC; unless otherwise specified
PARAMETER
CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply
Supply voltage range
Quiescent current
DC output voltage
Mute/stand-by switch
Switch-on voltage level
Mute condition
Output signal in mute position
Stand-by condition
DC current in stand-by condition
Switch-on current
note 2
note 3
see Fig.3
VI = 1 V (max.);
f = 20 Hz to 15 kHz
Vp
IP
VO
VON
Vmute
VO
Vsb
Isb
Isw
6,0
-
-
8,5
3,3
-
0
-
-
14,4 40
6,95
-
-
-
-
-
12
18,0
80
-
-
6,4
20
2 100
40
V
mA
V
V
V
mV
V
µA
µA
AC CHARACTERISTICS (note 1)
Vp=14,4V; RL=4
Ω; f=1kHz; Tamb=25oC unless otherwise specified
parameter
conditions
symbol
min.
typ.
max.
unit
Output power
Total harmonic distortion
Low frequency roll-off
High frequency roll-off
Closed loop voltage gain
Supply voltage ripple rejection
ON
ON
mute
stand-by
Input impedance
Noise output voltage
ON
ON
mute
Channel separation
Channel balance
note 4;
THD = 0,5%
THD = 10%
PO=1W
note 5;
-3 dB
-1 dB
note 6
f= 100 Hz
f= 10 Hz to 10 kHz
note 7;
RS=0
Ω
RS= 10 k
Ω
note 8
RS= 10 k
Ω
PO
PO
THD
fL
fH
GV
SVRR
SVRR
SVRR
SVRR
lZil
Vno(rms)
Vno(rms)
Vno(rms) a
lDGvl
4
5,5
-
-
20
39
40
48
48
80
50
-
-
-
40
-
5
6,0 0,1
45
-
40
-
-
-
-
60
150
250
120
-
0,1
-
-
-
-
-
41
-
-
-
-
75
-
500
-
-
1
W
W
%
Hz
kHz
dB
dB
dB
dB
dB
k
Ω
mV
mV
mV
dB
dB
Notes to the characteristics
1.
All characteristics are measured using the circuit shown in Fig. 4.
2.
The circuit is DC adjusted at Vp= 6V to 18V and AC operating at Vp= 8,5V to 18 V.
3.
At 18 V < Vp< 30 V the DC output voltage < Vp/2.
4.
Output power is measured directly at the output pins of the IC.
5.
Frequency response externally fixed.
6.
Ripple rejection measured at the output with a source impedance of 0 ^ (maximum ripple amplitude of 2 V) and a
frequency between 100 Hz and 10 kHz.
7.
Noise voltage measured in a bandwidth of 20 Hz to 20 kHz.
8.
Noise output voltage independent of R^ (V j = 0 V).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com