Electronic Components Datasheet Search
  English  ▼

X  

MM58167BN Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58167BN
Description  Microprocessor Real Time Clock
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58167BN Datasheet(HTML) 4 Page - National Semiconductor (TI)

  MM58167BN Datasheet HTML 1Page - National Semiconductor (TI) MM58167BN Datasheet HTML 2Page - National Semiconductor (TI) MM58167BN Datasheet HTML 3Page - National Semiconductor (TI) MM58167BN Datasheet HTML 4Page - National Semiconductor (TI) MM58167BN Datasheet HTML 5Page - National Semiconductor (TI) MM58167BN Datasheet HTML 6Page - National Semiconductor (TI) MM58167BN Datasheet HTML 7Page - National Semiconductor (TI) MM58167BN Datasheet HTML 8Page - National Semiconductor (TI) MM58167BN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Functional Description (Continued)
TABLE II Clock RAM Bit Map for Alarm Interrupt Everyday at 1015 am
Address
Data
Function
Hi Nibble
Lo Nibble
4321076
5
4
32
1
0
Milliseconds
0
1
0
0
0
0
0
0
0
No RAM Exists
Hundredths and
0100100
0
0
00
0
0
Tenths of Seconds
Seconds
0
1
0
1
0
0
0
0
0
0
0
0
0
Minutes
0
1
0
1
1
0
0
0
1
0
1
0
1
Hours
0
1
1
0
0
0
0
0
1
0
0
0
0
Day of Week
0
1
1
0
1
No RAM Exists
1
1
X
X
Day of Month
0
1
1
1
0
1
1
X
X
1
1
X
X
Months
0
1
1
1
1
1
1
X
X
1
1
X
X
TABLE III Address Codes and Function
A4
A3
A2
A1
A0
Function
0
0
0
0
0
CounterMilliseconds
0
0
0
0
1
CounterHundredths and Tenths of Seconds
0
0
0
1
0
CounterSeconds
0
0
0
1
1
CounterMinutes
0
0
1
0
0
CounterHours
0
0
1
0
1
CounterDay of Week
0
0
1
1
0
CounterDay of Month
0
0
1
1
1
CounterMonth
0
1
0
0
0
RAMMilliseconds
0
1
0
0
1
RAMHundredths and Tenths of Seconds
0
1
0
1
0
RAMSeconds
0
1
0
1
1
RAMMinutes
0
1
1
0
0
RAMHours
0
1
1
0
1
RAMDay of Week
0
1
1
1
0
RAMDay of Month
0
1
1
1
1
RAMMonths
1
0
0
0
0
Interrupt Status Register
1
0
0
0
1
Interrupt Control Register
1
0
0
1
0
Counters Reset
1
0
0
1
1
RAM Reset
1
0
1
0
0
Status Bit
1
0
1
0
1
GO Comand
1
0
1
1
0
STANDBY INTERRUPT
1
1
1
1
1
Test Mode
All others unused
The comparator is a cascaded exclusive NOR Its output is
latched 61 ms after the rising edge of the 1 kHz clock signal
(input to the milliseconds counter) This allows the counter
to ripple through before looking at the comparator For oper-
ation at less than 45V the thousandths of seconds counter
should not be included in a compare because of the possi-
bility of having a ripple delay greater than 61 ms (For output
timing see Interrupt Timing)
Power Down Mode
The POWER DOWN input is essentially a second chip se-
lect
It disables all inputs and outputs except for the
STANDBY INTERRUPT When this input is at a logical zero
the device will not respond to any external signals It will
however maintain timekeeping and turn on the STANDBY
INTERRUPT if programmed to do so (The programming
must be done before the POWER DOWN input goes to a
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com