Electronic Components Datasheet Search
  English  ▼

X  

IN74LS07 Datasheet(PDF) 1 Page - Integral Corp.

Part # IN74LS07
Description  Hex Non-Inverted Buffers with Open- Collector Outputs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74LS07 Datasheet(HTML) 1 Page - Integral Corp.

  IN74LS07 Datasheet HTML 1Page - Integral Corp. IN74LS07 Datasheet HTML 2Page - Integral Corp. IN74LS07 Datasheet HTML 3Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA
1
Hex Non-Inverted Buffers with Open-
Collector Outputs
This device contains hex non inverted buffers with open-collector. It
performs the Boolean function Y=A in positive Logic.
• High Output Voltage (30 V)
• High Speed ( t
PD = 12 ns typical)
• Low Power Dissipation (P
D = 13 mW per Gate)
IN74LS07
ORDERING INFORMATION
IN74LS07N Plastic
IN74LS07D SOIC
TA = 0° to 70° C for all
packages
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
AY
HH
LL


Similar Part No. - IN74LS07

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IN74LS07 IKSEMICON-IN74LS07 Datasheet
169Kb / 4P
High Output Voltage 30 V
More results

Similar Description - IN74LS07

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ALS1005 TI-SN54ALS1005 Datasheet
69Kb / 4P
HEX INVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
SN54ALS1035 TI-SN54ALS1035 Datasheet
68Kb / 5P
HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
System Logic Semiconduc...
SL74LS06 SLS-SL74LS06 Datasheet
25Kb / 3P
Hex Inverted Buffers with Open-Collector Outputs
SL74LS07 SLS-SL74LS07 Datasheet
25Kb / 3P
Hex Non-Inverted Buffers with Open-Collector Outputs
logo
Integral Corp.
IN74LS06 INTEGRAL-IN74LS06 Datasheet
87Kb / 3P
Hex Inverted Buffers with Open-Collector Outputs
logo
KODENSHI_AUK CORP.
KK74LS06 KODENSHI-KK74LS06 Datasheet
193Kb / 4P
Hex Inverted Buffers with Open-Collector Outputs
KK74LS07 KODENSHI-KK74LS07 Datasheet
202Kb / 4P
Hex Non-Inverted Buffers with Open- Collector Outputs
logo
Texas Instruments
SN54ALS1035 TI-SN54ALS1035_07 Datasheet
617Kb / 15P
HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
logo
IK Semicon Co., Ltd
IN74LS06 IKSEMICON-IN74LS06 Datasheet
148Kb / 4P
This device contains hex inverted buffers with open-collector
logo
Texas Instruments
SN54ALS1035 TI1-SN54ALS1035_15 Datasheet
705Kb / 14P
HEX NONINVERTING BUFFERS WITH OPEN-COLLECTOR OUTPUTS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com