Electronic Components Datasheet Search
  English  ▼

X  

MM58274C Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM58274C
Description  Microprocessor Compatible Real Time Clock
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM58274C Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button MM58274C Datasheet HTML 3Page - National Semiconductor (TI) MM58274C Datasheet HTML 4Page - National Semiconductor (TI) MM58274C Datasheet HTML 5Page - National Semiconductor (TI) MM58274C Datasheet HTML 6Page - National Semiconductor (TI) MM58274C Datasheet HTML 7Page - National Semiconductor (TI) MM58274C Datasheet HTML 8Page - National Semiconductor (TI) MM58274C Datasheet HTML 9Page - National Semiconductor (TI) MM58274C Datasheet HTML 10Page - National Semiconductor (TI) MM58274C Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Functional Description (Continued)
Day of Week Counter
The day of week counter increments as the time rolls from
2359 to 0000 (1159 PM to 1200 AM in 12-hour mode) It
counts from 1 to 7 and rolls back to 1 Any day of the week
may be specified as day 1
Clock Setting RegisterInterrupt Register
The interrupt select bit in the control register determines
which of these two registers is accessible to the processor
at address 15 Normal clock and interrupt timing operations
will always continue regardless of which register is selected
onto the bus The layout of these registers is shown in
Table II
The clock setting register is comprised of three separate
functions
a) leap year counter bits 2 and 3
b) AMPM indicator bit 1
c) 12-hour mode set bit 0 (see Table IIA)
The leap year counter is a 2-stage binary counter which
is clocked by the months counter It changes state as the
time rolls over from 1159 on December 31 to 0000 on
January 1
The counter should be loaded with the ‘number of years
since last leap year’ eg if 1980 was the last leap year a
clock programmed in 1983 should have 3 stored in the leap
year counter If the clock is programmed during a leap year
then the leap year counter should be set to 0 The contents
of the leap year counter can be read by the mP
The AMPM indicator returns a logic 0 for AM and a logic 1
for PM It is clocked when the hours counter rolls from 1159
to 1200 in 12-hour mode In 24-hour mode this bit is set to
logic 0
The 1224-hour mode set determines whether the hours
counter counts from 1 to 12 or from 0 to 23 It also controls
the AMPM indicator enabling it for 12-hour mode and forc-
ing it to logic 0 for the 24-hour mode The 1224-hour mode
bit is set to logic 0 for 12-hour mode and it is set to logic 1
for 24-hour mode
IMPORTANT NOTE
Hours mode and AMPM bits cannot
be set in the same write operation See the section on Ini-
tialization (Methods of Device Operation)
for a suggested
setting routine
All bits in the clock setting register may be read by the proc-
essor
The interrupt register controls the operation of the timer for
interrupt output The processor programs this register for
single or repeated interrupts at the selected time intervals
The lower three bits of this register set the time delay period
that will occur between interrupts The time delays that can
be programmed and the data words that select these are
outlined in Table IIB
Data bit 3 of the interrupt register sets for either single or
repeated interrupts logic 0 gives single mode logic 1 sets
for repeated mode
Using the interrupt is described in the Device Operation sec-
tion
TABLE IIA Clock Setting Register Layout
Function
Data Bits Used
Comments
Access
DB3
DB2
DB1
DB0
Leap Year Counter
X
X
0 Indicates a Leap Year
RW
AMPM Indicator (12-Hour Mode)
X
0 e AM
1 e PM
RW
0 in 24-Hour Mode
1224-Hour Select Bit
X
0 e 12-Hour Mode
RW
1 e 24-Hour Mode
TABLE IIB Interrupt Control Register
Function
Comments
Control Word
DB3
DB2
DB1
DB0
No Interrupt
Interrupt output cleared
X
0
0
0
startstop bit set to 1
01 Second
01
0
0
1
05 Second
01
0
1
0
1 Second
DB3 e 0 for single interrupt
01
0
1
1
5 Seconds
DB3 e 1 for repeated interrupt
01
1
0
0
10 Seconds
01
1
0
1
30 Seconds
01
1
1
0
60 Seconds
01
1
1
1
Timing Accuracy single interrupt mode (all time delays) g1ms
Repeated Mode g1 ms on initial timeout thereafter synchronous
with first interrupt (ie timing errors do not accumulate)
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com