Electronic Components Datasheet Search
  English  ▼

X  

IR21814SPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR21814SPBF
Description  HIGH AND LOW SIDE DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR21814SPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR21814SPBF Datasheet HTML 6Page - International Rectifier IR21814SPBF Datasheet HTML 7Page - International Rectifier IR21814SPBF Datasheet HTML 8Page - International Rectifier IR21814SPBF Datasheet HTML 9Page - International Rectifier IR21814SPBF Datasheet HTML 10Page - International Rectifier IR21814SPBF Datasheet HTML 11Page - International Rectifier IR21814SPBF Datasheet HTML 12Page - International Rectifier IR21814SPBF Datasheet HTML 13Page - International Rectifier IR21814SPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
IR2181(4) (S) & (PbF)
10
www.irf.com
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Temperature (oC)
Max.
Figure 10A. High Level Output vs. Temperature
0
1
2
3
4
5
10
12
14
16
18
20
Supply Voltage (V)
Figure 10B. High Level Output vs. Supply Voltage
Max.
0.0
0.1
0.2
0.3
0.4
0.5
-50
-25
0
25
50
75
100
125
Temperature (oC)
Max.
Figure 11A. Low Level Output vs. Temperature
0.0
0.1
0.2
0.3
0.4
0.5
10
12
14
16
18
20
Supply Voltage (V)
Figure 11B. Low Level Output vs. Supply Voltage
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com