Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IME012V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IME012V1
Description  4-channel outputs: high voltage and low voltage BNC connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IME012V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IME012V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IME012V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IME012V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IME012V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
May 2016
DocID028181 Rev 2
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-IME012V1
Cost effective ultrasound pulser IC evaluation board based on
the STHV749
Data brief
Features
4-channel outputs: high voltage and low
voltage BNC connectors
Up to 4 memory locations to store user-
designed waveforms
USB connector to download stored
waveforms
Dedicated connectors to supply high voltage
and low voltage to the STHV749 output
stage
4 key button to quickly select the preferred
program
RoHS compliant
Description
The STEVAL-IME012V1 evaluation board is
designed around the STHV749 4-channel, 7-level
high voltage ultrasound pulser IC, a state-of-the-
art device designed for ultrasound imaging
applications. The STEVAL-IME012V1 offers a
simple way to evaluate the ultrasound pulser IC,
thanks also to a graphical user interface (STSW-
IME011, available on www.st.com).
Once the output waveforms are configured, they
can be displayed directly on an oscilloscope by
connecting the scope probe to the relative BNCs.


Similar Part No. - STEVAL-IME012V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IME011V1 STMICROELECTRONICS-STEVAL-IME011V1 Datasheet
278Kb / 4P
4-channel outputs: high voltage and low voltage BNC connectors
06-Aug-2015
STEVAL-IME011V2 STMICROELECTRONICS-STEVAL-IME011V2 Datasheet
269Kb / 4P
USB connector to load own waveforms onto the board
04-Nov-2016
STEVAL-IME013V1 STMICROELECTRONICS-STEVAL-IME013V1 Datasheet
255Kb / 4P
USB connector to download stored waveforms
14-Apr-2016
More results

Similar Description - STEVAL-IME012V1

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX157F TOSHIBA-TC74LCX157F Datasheet
302Kb / 9P
LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
12-Sep-1997
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
TC7MZ157FK TOSHIBA-TC7MZ157FK Datasheet
226Kb / 7P
LOW-VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 5V TOLERANT INPUTS AND OUTPUTS
14-Oct-1999
logo
Emerson Network Power
NLP110 EMERSON-NETWORKPOWER-NLP110 Datasheet
1Mb / 4P
Provides low voltage outputs
logo
Fairchild Semiconductor
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104UM12X FAIRCHILD-FXLA104UM12X Datasheet
1Mb / 18P
Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
logo
STMicroelectronics
STEVAL-IME011V1 STMICROELECTRONICS-STEVAL-IME011V1 Datasheet
278Kb / 4P
4-channel outputs: high voltage and low voltage BNC connectors
06-Aug-2015
logo
MOSA ELECTRONICS
MS6712L MOSA-MS6712L Datasheet
663Kb / 14P
Low Cost 4 Stereo Inputs and 4-Channel Outputs
logo
Shenzhen Huazhimei Semi...
HM75XXHB HMSEMI-HM75XXHB Datasheet
1Mb / 12P
low voltage drop and low power high voltage regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com