Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IPC004V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IPC004V1
Description  Handheld point-of-sale (POS) based on the STM32F107VC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPC004V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IPC004V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPC004V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPC004V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPC004V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IPC004V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-IPC004V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-IPC004V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-IPC004V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-IPC004V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
For further information contact your local STMicroelectronics sales office.
October 2012
Doc ID 023488 Rev 1
1/14
14
STEVAL-IPC004V1
Handheld point-of-sale (POS) based on the STM32F107VC
Data brief
Features
■ Operating voltage: 5 V DC
■ Built-in thermal printer
■ External barcode scanner
■ Memory interface
■ LCD display
■ Rechargeable battery supply system
■ RoHS compliant
Description
The STEVAL-IPC004V1 demonstration board
works in a similar way to a typical POS. It
captures item information using a USB-based
barcode scanner and, after processing the
barcode information, adds it to the transaction
record.
To complete the transaction, there is the option of
payment using a smartcard/magnetic card
interface over GPRS or by entering the cash
amount using a keypad.
The internal thermal printer is used to print the
sales report and the sales record is recorded in
the onboard memory.
The STEVAL-IPC004V1 operates from a 5 V
adaptor which is connected to the board through
the power jack provided.
The system also comes with a PC-based server
application which has various access levels to
control STEVAL-IPC004V1 activities such as
registration, the loading of item allotment tables in
the internal memory, and the obtaining of sales
data for future reference. The server keeps sales
data in the database for future reference for up to
2 months and it also monitors the STEVAL-
IPC004V1 health status and accordingly
enables/disables its functioning.
For human interaction, there is a keypad which
has 16 keys, allowing a flexible interface.
It is also possible to customize the system to
include interfaces such as a smartcard, GPRS,
etc., as per customer requirements.
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-IPC004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPC001V1 STMICROELECTRONICS-STEVAL-IPC001V1 Datasheet
189Kb / 4P
Smartcard manager for reader and writer
01-Sep-2008
STEVAL-IPC002V1 STMICROELECTRONICS-STEVAL-IPC002V1 Datasheet
179Kb / 7P
Thermal printer-based parking ticket vending machine
08-Mar-2010
STEVAL-IPC003V1 STMICROELECTRONICS-STEVAL-IPC003V1 Datasheet
117Kb / 5P
Adapter board (daughter board for the STM3210C_EVAL) for a thermal printer based on the L293DD
August 2010
More results

Similar Description - STEVAL-IPC004V1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CR0300SA LITTELFUSE-CR0300SA Datasheet
98Kb / 3P
The CR range of protectors are based on the proven technology of the T10 thyristor product
logo
STMicroelectronics
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
Amplifier based on the TS4990IQT
27-Apr-2012
STEVAL-IFV002V1 STMICROELECTRONICS-STEVAL-IFV002V1 Datasheet
156Kb / 6P
STEVAL-IFV002V1 IPCAM extension board based on the STM32F107VC
22-Sep-2010
logo
List of Unclassifed Man...
AS3911-BQFT-1K ETC2-AS3911-BQFT-1K Datasheet
286Kb / 2P
NFC for Point of Sale
logo
STMicroelectronics
UM1560 STMICROELECTRONICS-UM1560 Datasheet
4Mb / 59P
STEVAL-IPC004V1: handheld point-of-sale (POS) based on the STM32F1 series
13-May-2014
logo
Cherry Semiconductor Co...
G81-8040 CHERRY-G81-8040 Datasheet
98Kb / 2P
POINT OF SALE
logo
Silicon Laboratories
1407031 SILABS-1407031 Datasheet
264Kb / 2P
Updated specifications based on the results of additional silicon characterization.
1407032 SILABS-1407032 Datasheet
265Kb / 2P
Updated specifications based on the results of additional silicon characterization.
1503163 SILABS-1503163 Datasheet
302Kb / 2P
Updated specifications based on the results of additional silicon characterization.
1503164 SILABS-1503164 Datasheet
328Kb / 3P
Updated specifications based on the results of additional silicon characterization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com