Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IPMNG3Q Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IPMNG3Q
Description  Motor control power board based on the SLLIMM-nano 2nd series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPMNG3Q Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IPMNG3Q Datasheet HTML 1Page - STMicroelectronics STEVAL-IPMNG3Q Datasheet HTML 2Page - STMicroelectronics STEVAL-IPMNG3Q Datasheet HTML 3Page - STMicroelectronics STEVAL-IPMNG3Q Datasheet HTML 4Page - STMicroelectronics STEVAL-IPMNG3Q Datasheet HTML 5Page - STMicroelectronics STEVAL-IPMNG3Q Datasheet HTML 6Page - STMicroelectronics STEVAL-IPMNG3Q Datasheet HTML 7Page - STMicroelectronics STEVAL-IPMNG3Q Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
February 2017
DocID030371 Rev 1
1/8
For further information contact your local STMicroelectronics sales
office
www.st.com
STEVAL-IPMNG3Q
Motor control power board based on the SLLIMM-nano 2nd
series
Data brief
Features
Input voltage: from 125 to 400 VDC
Nominal power: up to 300 W
Input auxiliary voltage: up to 20 VDC
Single- or three-shunt resistors for current
sensing (with sensing network)
Three options for current sensing: dedicated
external op-amps, internal SLLIMM-nano op-
amp (single) or via MCU
Overcurrent hardware protection
IPM temperature monitoring and protection
Hall sensor or encoder input
IGBT intelligent power module:
2nd series SLLIMM-nano IPM
(STGIPQ3H60T-H
– full molded
package)
Motor control connector (32 pins) interfacing
with ST MCU boards
Universal design for further evaluation with
bread board and testing pins
Very compact size
RoHS compliant
Description
The STEVAL-IPMNG3Q is a compact motor drive
power board based on SLLIMM™-nano (small
low-loss intelligent molded module) 2nd series
product ( STGIPQ3H60T-H) . It provides an
affordable and easy-to-use solution for driving
high power motors in a wide range of applications
such as power white goods, air conditioning,
compressors, power fans and 3-phase inverters
for motor drives in general.
The IPM itself consists of short-circuit rugged
IGBTs and a wide range of features like
undervoltage lockout, smart shutdown, internal
temperature sensor and NTC, overcurrent
protection and internal op-amp.
The main characteristics of this evaluation board
are small size, minimal BOM and high efficiency.
It features an interface circuit (BUS and VCC
connectors), bootstrap capacitors, snubber
capacitor, hardware short-circuit protection, fault
event signal and temperature monitoring. It is
designed to work in single- or three-shunt
configuration and with triple current sensing
options: three dedicated on-board op-amps, op-
amps embedded on MCU or single internal IPM
op-amp. The Hall/Encoder part completes the
circuit.
The system is designed to achieve accurate and
fast conditioning of current feedback to satisfy the
typical requirements for field oriented control
(FOC).
The STEVAL-
IPMNG3Q is compatible with ST’s
control board based on STM32, providing a
complete platform for motor control.


Similar Part No. - STEVAL-IPMNG3Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPM10B STMICROELECTRONICS-STEVAL-IPM10B Datasheet
1Mb / 9P
1200 W motor control power board based on STGIB10CH60TS-L SLLIMM™2nd series IPM
Rev 4 - September 2019
More results

Similar Description - STEVAL-IPMNG3Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IHM025V1 STMICROELECTRONICS-STEVAL-IHM025V1 Datasheet
246Kb / 8P
1 kW 3-phase motor control demonstration board featuring the IGBT SLLIMM??STGIPL14K60
26-Apr-2011
STEVAL-IHM029V1 STMICROELECTRONICS-STEVAL-IHM029V1 Datasheet
147Kb / 4P
2000 W universal motor control demonstration board based on the STM8S103F2 MCU and T1235H Triac
11-Jun-2010
STEVAL-IHM035V1 STMICROELECTRONICS-STEVAL-IHM035V1 Datasheet
146Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM??nano)
12-Apr-2012
STEVAL-IHM036V1 STMICROELECTRONICS-STEVAL-IHM036V1 Datasheet
314Kb / 6P
Low power motor control board featuring the SLLIMM??STGIPN3H60 and MCU STM32F100C6T6B
14-May-2012
STEVAL-IHM035V2 STMICROELECTRONICS-STEVAL-IHM035V2 Datasheet
250Kb / 6P
3-phase high voltage inverter power board for FOC and scalar motor control based on the STGIPN3H60 (SLLIMM™nano)
22-Aug-2012
STEVAL-IHM040V1 STMICROELECTRONICS-STEVAL-IHM040V1 Datasheet
449Kb / 6P
BLDC/PMSM driver demonstration board based on STM32 and the SLLIMM™nano
19-Dec-2012
STEVAL-IHM042V1 STMICROELECTRONICS-STEVAL-IHM042V1 Datasheet
421Kb / 8P
Compact, low-voltage dual motor control evaluation board based on the STM32F303CC and L6230
26-Mar-2015
STEVAL-IHM045V1 STMICROELECTRONICS-STEVAL-IHM045V1 Datasheet
353Kb / 7P
3-phase high voltage inverter power board for FOC based on the STGIPN3H60A (SLLIMM™ nano)
May 2014 Rev 1
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
STEVAL-IPM10B STMICROELECTRONICS-STEVAL-IPM10B Datasheet
1Mb / 9P
1200 W motor control power board based on STGIB10CH60TS-L SLLIMM™2nd series IPM
Rev 4 - September 2019
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com