Electronic Components Datasheet Search
  English  ▼

X  

IRKD236/16 Datasheet(PDF) 7 Page - International Rectifier

Part # IRKD236/16
Description  STANDARD RECOVERY DIODES
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD236/16 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRKD236/16 Datasheet HTML 3Page - International Rectifier IRKD236/16 Datasheet HTML 4Page - International Rectifier IRKD236/16 Datasheet HTML 5Page - International Rectifier IRKD236/16 Datasheet HTML 6Page - International Rectifier IRKD236/16 Datasheet HTML 7Page - International Rectifier IRKD236/16 Datasheet HTML 8Page - International Rectifier IRKD236/16 Datasheet HTML 9Page - International Rectifier IRKD236/16 Datasheet HTML 10Page - International Rectifier IRKD236/16 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
IRK.166, .196, .236 Series
7
Bulletin I27116 rev. C 03/02
www.irf.com
Fig.14 - Maximum Non-Repetitive Surge Current
Fig. 15 - Maximum Non-Repetitive Surge Current
Fig. 13 - On-State Power Loss Characteristics
Fig. 10 - Current Ratings Characteristics
Fig. 11 - Current Ratings Characteristics
Fig. 12 - On-State Power Loss Characteristics
0
50
100
150
200
250
300
0
40
80
120
16 0
200
Averag e Forw a rd C urren t (A )
RM S Lim it
Co nd uc tio n A ng le
180
120
90
60
30
IRK.196.. Series
T = 15 0 C
J
0
50
100
150
200
250
300
350
0
5 0
1 00
1 50
2 00
25 0
30 0
3 5 0
DC
180
120
90
60
30
RM S Lim it
Cond uc tio n Pe riod
Averag e Forw a rd C urren t (A )
IRK.1 96.. Series
Pe r Junctio n
T
= 150 C
J
100 0
150 0
200 0
250 0
300 0
350 0
400 0
450 0
11 0
1 00
N umb er O f Equa l A m plitu de H alf C ycle Cu rrent Pu lses (N)
Initial T
= 150 C
@ 60 H z 0.00 83 s
@ 50 H z 0.01 00 s
At An y Ra ted Lo a d C o n ditio n A nd W ith
R a ted V
A p p lie d Fo llo w in g Surge .
RRM
J
IRK.196.. Se ries
10 00
15 00
20 00
25 00
30 00
35 00
40 00
45 00
50 00
0.0 1
0.1
1
Pu lse Train D ura tion (s)
M axim um N on Rep etitive Surg e C urrent
Initial T
= 150 C
N o V o ltag e Rea pp lied
Ra ted V
Rea pp lied
Versus Pulse Tra in D u ra tio n.
RRM
J
IRK.196.. Se ries
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
0
5 0
100
1 50
200
25 0
300
3 5 0
DC
30
60
90
120
180
C o nd u ction P e riod
A vera g e Forw ard C urrent (A)
IRK.196.. Series
R
(D C ) = 0.16 K/W
thJC
70
80
90
10 0
11 0
12 0
13 0
14 0
15 0
0
5 0
1 00
1 5 0
2 00
2 50
30
60
90
120
180
Co nd uctio n A ng le
Averag e Forw a rd C urrent (A)
IRK.196.. Se rie s
R
(D C ) = 0.16 K/W
thJ C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com