Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IPR002V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IPR002V2
Description  Data logger & event logger evaluation system based on the M24LR64E-R EEPROM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPR002V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IPR002V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPR002V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPR002V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPR002V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
March 2014
DocID026058 Rev 1
1/4
STEVAL-IPR002V2
Data logger & event logger evaluation system based on the
M24LR64E-R EEPROM
Data brief
Features
• Demonstrates the dual communication
interfaces (RF & I2C) of the M24LR64E-R
EEPROM
• Records temperature, motion (MEMS),
humidity and light (photo diode) parameters in
a dual EEPROM
• Two operation modes:
– RFID mode for reading and writing the
EEPROM using an RFID kit (starter kit
RFID reader)
–I2C read and write using an STM8L
microcontroller
• Utilizes a 20 mm x 40 mm inductive antenna for
RF communication with starter kit RFID reader
• Includes a graphical user interface to evaluate
the logged information from EEPROM
• RoHS compliant
Description
The STEVAL-IPR002V2 product evaluation board
is based on the M24LR64E-R dual interface
EEPROM which targets a wide range of
applications such as industrial and medical
equipment, and consumer electronics.
RFID (13.56 MHz) and I2C serial communication
are the two interfaces available with EEPROM.
This evaluation platform offers an autonomous
battery-powered RFID tag with logging capability
for recording and storing data from several
sensors that measure temperature, humidity,
vibration, free-fall, tamper and light.
The value from the various sensors is stored
within the EEPROM, and then at later stages the
logged values can be retrieved through an RFID
interface for evaluation. This data logger can be
attached to any transported article, allowing it to
be tracked throughout the supply chain, and the
data can be scanned at any point using an RFID
reader.
This system can operate in two modes: data
logger mode and event logger mode.
In data logger mode, the system reads all sensor
values once per second, and stores it in the
EEPROM. The system stops logging the data
when the allocated memory for a particular sensor
is full.
In event logger mode, the system configures the
threshold limits for each sensor. When the sense
value is outside the set threshold limits, it is stored
in the EEPROM.
www.st.com


Similar Part No. - STEVAL-IPR002V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPR001V1 STMICROELECTRONICS-STEVAL-IPR001V1 Datasheet
137Kb / 5P
RFID reader evaluation board
26-Nov-2007
More results

Similar Description - STEVAL-IPR002V2

ManufacturerPart #DatasheetDescription
logo
Sonardyne sound in dept...
8057 SONARDYNE-8057 Datasheet
119Kb / 2P
Subsea Acoustic Data Logger System
logo
Agilent(Hewlett-Packard...
34832A HP-34832A Datasheet
331Kb / 4P
BenchLink Data Logger Pro
34830A HP-34830A Datasheet
330Kb / 4P
BenchLink Data Logger Pro
logo
List of Unclassifed Man...
PP222 ETC-PP222 Datasheet
374Kb / 2P
THERMOCOUPLE DATA LOGGER
logo
TT Electronics.
DS6003 TTELEC-DS6003 Datasheet
310Kb / 2P
Compact Data Logger
DS7000 TTELEC-DS7000 Datasheet
311Kb / 2P
Universal Data Logger
logo
Schneider Electric
EBX210 SCHNEIDER-EBX210 Datasheet
95Kb / 2P
ComX 210 - data logger - UL
May 21, 2020
logo
Pico Technology Ltd.
CM3 PICO-CM3 Datasheet
6Mb / 9P
Current data logger
logo
Vaisala
DL1700 VAISALA-DL1700 Datasheet
249Kb / 2P
DL1700 Thermocouple Data Logger
QML201C VAISALA-QML201C Datasheet
420Kb / 2P
Data Logger QML201C
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com