Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IPT004V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IPT004V1
Description  24-pin smartcard interface demonstration board based on the ST8034HN
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPT004V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IPT004V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPT004V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPT004V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPT004V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
August 2013
DocID024484 Rev 1
1/4
4
STEVAL-IPT004V1
24-pin smartcard interface demonstration board
based on the ST8034HN
Data brief
Features
 Connector for smartcard testing
 Labeled test points for access to all signals
 Board design allows standalone operation for
basic testing
 Interfacing to the MCU block and simple board
configurability allows full function in (for
example) a set-top box application
 On-board 10 MHz crystal clock oscillator can
be used to provide card clock in standalone
operation
 Card clock source selection switch allows
selection between the on-board crystal
oscillator as card clock source, or external
clock source provided by the MCU block
through the MCU interface together with the
data signals
 Provides easy, flexible card supply voltage
selection by on-board configuration switches,
or remotely through the microcontroller
 RoHS compliant
Description
The ST8034xx interface devices are placed
between the smartcard and the microcontroller to
provide all supply, protection, detection and
control functions, with a minimum of external
components. The STEVAL-IPT004V1
demonstration board allows designers to easily
test all of these features, or it can be used as a
functional block of a complete application as it is
designed both for standalone operation or to be
fully controlled by the microcontroller. The board
is fully configurable to maintain flexibility for
various use scenarios. It includes standard
interfaces on both sides (smartcard connector,
MCU interface connector) and labeled test points
on all the signals to make them easily accessible.
The STEVAL-IPT004V1 demonstration board
addresses market segments such as POS, set-
top box, pay TV, identification, banking and
tachograph.
www.st.com


Similar Part No. - STEVAL-IPT004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPT005V1 STMICROELECTRONICS-STEVAL-IPT005V1 Datasheet
310Kb / 4P
Smartcard connector for testing with a smartcard
10-Apr-2014
STEVAL-IPT006V1 STMICROELECTRONICS-STEVAL-IPT006V1 Datasheet
212Kb / 4P
Board design allows standalone operation for basic tests
11-Nov-2013
STEVAL-IPT007V1 STMICROELECTRONICS-STEVAL-IPT007V1 Datasheet
310Kb / 4P
Smartcard connector
23-May-2014
More results

Similar Description - STEVAL-IPT004V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
MEMS: demonstration board based on the LPR4150AL
16-Jun-2010
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
Demonstration programmer board based on the STPM01
24-Nov-2008
STEVAL-PCC009V3 STMICROELECTRONICS-STEVAL-PCC009V3 Datasheet
845Kb / 7P
S-Touch® product family interface demonstration board based on the STM32
15-Sep-2011
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
Connectivity gateway demonstration board based on the STM32F107
15-Jun-2010
AN4200 STMICROELECTRONICS-AN4200 Datasheet
2Mb / 20P
Four-layer demonstration board based on the STA333IS
01-Jul-2013
UM1582 STMICROELECTRONICS-UM1582 Datasheet
644Kb / 9P
24-pin smartcard interface ST8034HN demonstration board
24-Apr-2013
UM1607 STMICROELECTRONICS-UM1607 Datasheet
880Kb / 9P
24-pin smartcard interface ST8034HC demonstration board
02-May-2013
UM1613 STMICROELECTRONICS-UM1613 Datasheet
804Kb / 9P
16-pin smartcard interface ST8034P demonstration board
27-Aug-2013
UM1615 STMICROELECTRONICS-UM1615 Datasheet
651Kb / 8P
16-pin smartcard interface ST8034C demonstration board
14-Nov-2013
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
charger demonstration board based on the VIPER17HN
09-Dec-2008
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com