Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IPT005V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IPT005V1
Description  Smartcard connector for testing with a smartcard
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPT005V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IPT005V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPT005V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPT005V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPT005V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
April 2014
DocID025478 Rev 2
1/4
STEVAL-IPT005V1
Smart card interface evaluation board based on the ST8034P
Data brief
Features
• Smartcard connector for testing with a
smartcard
• Labeled testpoints provide accessibility to all
the signals
• Board design allows standalone operation for
basic tests
• Interface to an MCU block and simple board
configurability allow even full functioning in
applications (i.e. set-top box)
• Onboard 10 MHz crystal clock oscillator can be
used to provide card clock in standalone
operation
• Card clock source selection switch allows
selection between the onboard crystal
oscillator as card clock source, or an external
clock source provided by the microcontroller
block through the MCU interface together with
the data signals
• Provides easy, flexible card supply voltage
selection either by onboard configuration
switches or remotely by the microcontroller
• RoHS compliant
Description
The STEVAL-IPT005V1 product evaluation board
is designed both for standalone operation or to be
controlled by the microcontroller. The board is
fully configurable, provides access to all signals
including supply voltage through labeled test
points, and uses a standard connector for simple
communication interfacing with the
microcontroller block. The labeled test points on
the board are in the same order as the signals in
the flat interface cable.
The board provides easy and flexible card supply
voltage (VCC) selection, either through the
onboard configuration switch (driving the tri-state
VCC selection input pin VCC_SEL) or through the
microcontroller.
The STEVAL-IPT005V1 product evaluation board
addresses market segments including: POS, set-
top boxes, pay TV, identification, banking and
tachographs.
www.st.com


Similar Part No. - STEVAL-IPT005V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPT004V1 STMICROELECTRONICS-STEVAL-IPT004V1 Datasheet
173Kb / 4P
24-pin smartcard interface demonstration board based on the ST8034HN
01-Aug-2013
STEVAL-IPT006V1 STMICROELECTRONICS-STEVAL-IPT006V1 Datasheet
212Kb / 4P
Board design allows standalone operation for basic tests
11-Nov-2013
STEVAL-IPT007V1 STMICROELECTRONICS-STEVAL-IPT007V1 Datasheet
310Kb / 4P
Smartcard connector
23-May-2014
More results

Similar Description - STEVAL-IPT005V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8024 STMICROELECTRONICS-ST8024 Datasheet
892Kb / 23P
SMARTCARD INTERFACE
31-Jan-2005
logo
fujitsu semiconductor
MB94R215B FUJITSU-MB94R215B Datasheet
126Kb / 18P
Microcontroller for Multiapplication SmartCard
logo
FCI connector
7434L0825S01 FCI-CONNECTOR-7434L0825S01 Datasheet
94Kb / 1P
SMARTCARD ASSEMBLY
7434L1025V01 FCI-CONNECTOR-7434L1025V01 Datasheet
91Kb / 1P
SMARTCARD ASSEMBLY
logo
STMicroelectronics
ST8024 STMICROELECTRONICS-ST8024_06 Datasheet
598Kb / 30P
Smartcard interface
13-Dec-2006
logo
fujitsu semiconductor
MB94R215B FUJITSU-MB94R215B_1 Datasheet
192Kb / 20P
Microcontroller for Multiapplication SmartCard
logo
STMicroelectronics
ST8024 STMICROELECTRONICS-ST8024_08 Datasheet
1Mb / 31P
Smartcard interface
03-Jun-2008
AN1527 STMICROELECTRONICS-AN1527 Datasheet
78Kb / 14P
DEVELOPING A USB SMARTCARD READER WITH ST7SCR
ST8024L STMICROELECTRONICS-ST8024L Datasheet
710Kb / 35P
Smartcard interface
04-May-2012
STEVAL-IPT007V1 STMICROELECTRONICS-STEVAL-IPT007V1 Datasheet
310Kb / 4P
Smartcard connector
23-May-2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com