Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-IPT007V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-IPT007V1
Description  Smartcard connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IPT007V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-IPT007V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IPT007V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IPT007V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IPT007V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
For further information contact your local STMicroelectronics sales office.
May 2014
DocID026405 Rev 1
1/4
STEVAL-IPT007V1
Smartcard interface evaluation board based on the ST8034HC
Data brief
Features
• Smartcard connector
• Labeled test-points provide accessibility to all
signals on the board
• Design allows standalone operation for basic
tests
• Interface to MCU block and easy board
configurability allows full-featured functionality
for applications such as set-top box
• On-board 10 MHz crystal clock oscillator can
be used to provide card clock in standalone
operation
• Card clock source selection switch allows a
choice between the on-board crystal oscillator
as card clock source, or an external clock
source provided by microcontroller block
through the MCU interface together with data
signals
• Card supply voltage selection provides simple
but flexible card supply through either on-board
configuration switches or remotely by
microcontroller
• RoHS compliant
Description
The ST8034xx interface devices are placed
between the smartcard and the microcontroller to
provide all necessary supply, protection, detection
and control functions, while requiring a minimum
of external components.
The STEVAL-IPT007V1 product evaluation board
allows easy demonstration and testing of the
ST8034HC 24-pin smartcard interface features.
The board can also be used as a functional block
for a complete application, as it is designed both
for standalone operation or to be controlled by the
microcontroller. The board is fully configurable to
maintain flexibility for various use scenarios. It
includes standard interfaces on both sides
(smartcard connector, MCU interface connector)
and easily accessed, labeled test-points on all
signals.
The STEVAL-IPT007V1 product evaluation board
addresses market segments including POS, set-
top boxes, pay TV, identification, banking and
tachograph.
www.st.com


Similar Part No. - STEVAL-IPT007V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IPT004V1 STMICROELECTRONICS-STEVAL-IPT004V1 Datasheet
173Kb / 4P
24-pin smartcard interface demonstration board based on the ST8034HN
01-Aug-2013
STEVAL-IPT005V1 STMICROELECTRONICS-STEVAL-IPT005V1 Datasheet
310Kb / 4P
Smartcard connector for testing with a smartcard
10-Apr-2014
STEVAL-IPT006V1 STMICROELECTRONICS-STEVAL-IPT006V1 Datasheet
212Kb / 4P
Board design allows standalone operation for basic tests
11-Nov-2013
More results

Similar Description - STEVAL-IPT007V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004 Datasheet
681Kb / 19P
SMARTCARD INTERFACE
Mar-2004
ST8024 STMICROELECTRONICS-ST8024 Datasheet
892Kb / 23P
SMARTCARD INTERFACE
31-Jan-2005
logo
FCI connector
7434L0825S01 FCI-CONNECTOR-7434L0825S01 Datasheet
94Kb / 1P
SMARTCARD ASSEMBLY
7434L1025V01 FCI-CONNECTOR-7434L1025V01 Datasheet
91Kb / 1P
SMARTCARD ASSEMBLY
logo
STMicroelectronics
ST8004 STMICROELECTRONICS-ST8004_07 Datasheet
845Kb / 26P
Smartcard interface
31-Jan-2007
ST8024 STMICROELECTRONICS-ST8024_06 Datasheet
598Kb / 30P
Smartcard interface
13-Dec-2006
ST8024 STMICROELECTRONICS-ST8024_08 Datasheet
1Mb / 31P
Smartcard interface
03-Jun-2008
ST8024L STMICROELECTRONICS-ST8024L Datasheet
710Kb / 35P
Smartcard interface
04-May-2012
ST8024LCDR STMICROELECTRONICS-ST8024LCDR Datasheet
715Kb / 35P
Smartcard interface
04-May-2012
STEVAL-IPT005V1 STMICROELECTRONICS-STEVAL-IPT005V1 Datasheet
310Kb / 4P
Smartcard connector for testing with a smartcard
10-Apr-2014
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com