Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA002V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA002V1
Description  Switching Frequency 60 kHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA002V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA002V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA002V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA002V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA002V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISA002V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office
Rev 1
February 2006
1/5
5
STEVAL-ISA002V1
6W Single Output Supply using VIPer12A
Features
Switch mode General Purpose Power Supply
Input: 85 to 264 VAC @ 50/60 Hz
Output: 12V @ 0.5A
Output power (peak): 6W
Burst Mode Operation in Standby for Blue
Angel operation
Switching Frequency 60 kHz
75% Efficiency
Auxiliary Undervoltage Lockout with Hysteresis
Output Short Circuit Protection
Thermal Shutdown Protection
Meets EN55022 Class B EMI specification
Applications
This board is an off-line wide range single output
general-purpose
power
supply
capable
of
delivering up to 6W of total output power. In low
load condition, it operates in the automatic burst
mode while in an overvoltage condition it will
operate in hiccup mode.
Other output voltages can easily be achieved by
changing the transformer and a few components
on the board, as shown in the application note.
Transformers
are
readily
available
for
the
following configurations:
5V @ 1.2A
12V @ 0.5A
15V @ 0.4A
24V @ 0.25A.
Blue angels
When working in standby, the reference board
consumes less than 1W total power consumption
and therefore, meets the “Blue Angel” Norm. This
unit operates in burst mode when the output load
is reduced to zero and normal operation will
resume automatically when the power gets back
to a level higher than the standby power. The
output voltage remains regulated even when the
board operates in burst mode. The total power
consumption measured at 115Vac input with zero
load at output is approximately 168mW, while at
230Vac input this value is about 248mW. At
120Vac input, a minimum load of 52mA is needed
to keep the input power consumption at less than
1W.
STEVAL-ISA002V1
www.st.com


Similar Part No. - STEVAL-ISA002V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA001V1 STMICROELECTRONICS-STEVAL-ISA001V1 Datasheet
283Kb / 5P
6W Dual Output Supply using VIPer12A
01-Feb-2006
STEVAL-ISA004V1 STMICROELECTRONICS-STEVAL-ISA004V1 Datasheet
65Kb / 4P
Current mode control
28-Nov-2007
STEVAL-ISA005V1 STMICROELECTRONICS-STEVAL-ISA005V1 Datasheet
131Kb / 5P
Switch mode general purpose power supply
23-Jul-2007
STEVAL-ISA006V1 STMICROELECTRONICS-STEVAL-ISA006V1 Datasheet
122Kb / 5P
6W Non-isolated fly-back topology power supply with VIPer12AS
23-Mar-2006
STEVAL-ISA007V1 STMICROELECTRONICS-STEVAL-ISA007V1 Datasheet
129Kb / 5P
High power 3-phase auxiliary power supply evaluation board Based on L5991 and ESBT STC08DE150HV
27-Jun-2007
More results

Similar Description - STEVAL-ISA002V1

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
AER03 EMERSON-NETWORKPOWER-AER03 Datasheet
561Kb / 2P
Fixed frequency switching (150 kHz)
logo
IXYS Corporation
IXXH50N60C3 IXYS-IXXH50N60C3 Datasheet
182Kb / 6P
Extreme Light Punch Through IGBT for 20-60 kHz Switching
IXXH50N60C3D1 IXYS-IXXH50N60C3D1 Datasheet
201Kb / 7P
Extreme Light Punch Through IGBT for 20-60 kHz Switching
logo
STMicroelectronics
VIPER50A-22-E STMICROELECTRONICS-VIPER50A-22-E Datasheet
353Kb / 31P
ADJUSTABLE SWITCHING FREQUENCY UP TO 200 kHz
26-Sep-2005
logo
Vishay Siliconix
VS-GB75LA60UF VISHAY-VS-GB75LA60UF Datasheet
203Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
VS-GB75NA60UF VISHAY-VS-GB75NA60UF Datasheet
192Kb / 9P
Higher switching frequency up to 150 kHz
17-Oct-16
logo
STMicroelectronics
STEVAL-ILL078V1 STMICROELECTRONICS-STEVAL-ILL078V1 Datasheet
248Kb / 4P
500 kHz switching frequency
01-Oct-2015
STEVAL-ISA108V1 STMICROELECTRONICS-STEVAL-ISA108V1 Datasheet
141Kb / 4P
850 kHz switching frequency
February 2013 Rev 1
ST1S41 STMICROELECTRONICS-ST1S41 Datasheet
1Mb / 27P
850 kHz switching frequency
24-Apr-2013
logo
IXYS Corporation
IXXH30N65C4D1 IXYS-IXXH30N65C4D1 Datasheet
218Kb / 7P
Extreme Light Punch Through IGBT for 20-60 kHz Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com