Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA019V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA019V1
Description  Safety compliant according EN60950
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA019V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA019V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA019V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA019V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA019V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
November 2007
Rev 1
1/4
4
STEVAL-ISA019V1
80 W ESBT® quasi-resonant wide range SMPS evaluation board
with L6565 for 3-phase applications
Features
■ 3-phase 80 W auxiliary output SMPS
■ Quasi-resonant SMPS
■ Input: 180 VAC 600 VAC
■ Output voltage 24 V, 3.3 A
■ Maximum output power 80 W
■ Efficiency > 80%
■ Switching frequency > 50 kHz
■ Safety compliant according EN60950
■ Feedback: secondary regulation
Description
This evaluation board is a 3-phase auxiliary power
supply with an 80 W dual output SMPS, using the
L6565 PWM driver and the STC04IE170HV ESBT
as the main switch. The combination of these ST
devices provides a high-efficiency solution for high
DC input voltage, a typical requirement for any
three-phase application. The necessity to handle
both high output power and wide input voltage is
satisfied using a flyback stage working in mixed
operation mode: discontinuous and continuous.
STEVAL-ISA019V1
www.st.com


Similar Part No. - STEVAL-ISA019V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA019V3 STMICROELECTRONICS-STEVAL-ISA019V3 Datasheet
107Kb / 4P
80 W ESBT quasi-resonant wide-range SMPS demonstration board based on the L6565 for 3-phase applications
28-Apr-2011
More results

Similar Description - STEVAL-ISA019V1

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QPDD10-48D QUALTEK-QPDD10-48D Datasheet
2Mb / 1P
Approved to IEC/EN60950, UL60950 Safety Standards
QPDS15-48S QUALTEK-QPDS15-48S Datasheet
6Mb / 1P
Approved to IEC/EN60950, UL60950 Safety Standards Remote Control
logo
List of Unclassifed Man...
D6X39B182 ETC2-D6X39B182 Datasheet
920Kb / 6P
SAFETY DATA SHEET ACCORDING TO (EC)
logo
MERITEK ELECTRONICS COR...
SF MERITEK-SF Datasheet
65Kb / 1P
Segmented metallized film material, safety-compliant
logo
Recom International Pow...
RPA120H-RW RECOM-RPA120H-RW Datasheet
1Mb / 7P
UL, IEC/EN60950-1 & EN50155 Pending
logo
SynQor Worldwide Headqu...
PQ60050EKX10 SYNQOR-PQ60050EKX10 Datasheet
1Mb / 15P
TUV certified to EN60950-1
logo
Bel Fuse Inc.
ABC350-1T12L BEL-ABC350-1T12L Datasheet
941Kb / 6P
Approved to EN60950-1 2nd Edition
logo
STMicroelectronics
STEVAL-ISA015V2 STMICROELECTRONICS-STEVAL-ISA015V2 Datasheet
93Kb / 4P
Safety compliant in accordance with EN60950
29-Nov-2007
logo
PHOENIX CONTACT
UNIFOX-PE-VDE-DB PHOENIX-UNIFOX-PE-VDE-DB Datasheet
54Kb / 2P
Individually tested safety tools according to DIN EN 60900 (VDE 0682??01)
2900566 PHOENIX-2900566 Datasheet
94Kb / 8P
Safety level according to IEC 61508-1: SIL 3, ISO 13849: PL e
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com