Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA030V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA030V1
Description  6 W 3-phase SMPS for metering evaluation board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA030V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA030V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA030V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA030V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA030V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
December 2007
Rev 1
1/4
4
STEVAL-ISA030V1
6 W 3-phase SMPS for metering evaluation board
based on ESBT®
Features
■ Input voltage: 150 VDC - 850 VDC
■ Output power: 6 W
■ Output voltage: CH1: 14 V / 430 mA
■ Switching frequency: >30 kHz
■ Efficiency: >80%
■ Feedback: primary regulation
Description
The STEVAL-ISA030V1 evaluation board is a
complete solution for a 5 W single output SMPS,
the type widely used as a power supply in
metering applications. The design is based
primarily on ST’s L6565 PWM driver and the
STC04IE170HP as the main switch. The design
method can also be applied to an SMPS designed
for other applications which work on a three-
phase mains, and can easily be upgraded for
higher output power.
STEVAL-ISA030V1
www.st.com


Similar Part No. - STEVAL-ISA030V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA032V1 STMICROELECTRONICS-STEVAL-ISA032V1 Datasheet
160Kb / 5P
60 W forward converter demonstration board for fiscal cash register based on the L5991 and STP10NK60Z
30-Jun-2008
STEVAL-ISA033V1 STMICROELECTRONICS-STEVAL-ISA033V1 Datasheet
252Kb / 6P
55 W flyback SMPS demonstration board for alarm system based on the L5991 and STP12NK80Z
09-Jun-2008
STEVAL-ISA034V1 STMICROELECTRONICS-STEVAL-ISA034V1 Datasheet
158Kb / 4P
10 W 3-phase auxiliary power supply based on the L6565 and STW3N150
08-Feb-2008
STEVAL-ISA035V1 STMICROELECTRONICS-STEVAL-ISA035V1 Datasheet
94Kb / 4P
Integrated short-circuit protection
18-Jan-2010
STEVAL-ISA036V1 STMICROELECTRONICS-STEVAL-ISA036V1 Datasheet
155Kb / 4P
5 W wide range SMPS demonstration board for metering and motor control based on the ESBT짰 STC04IE170HP
17-Feb-2009
More results

Similar Description - STEVAL-ISA030V1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADE7756EB AD-EVAL-ADE7756EB Datasheet
3Mb / 15P
Evaluation Board Documentation AD7756 Energy metering IC
logo
Sames
PM9904BPD SAMES-PM9904BPD Datasheet
4Mb / 22P
Evaluation Board for the SA9904B Energy Metering IC
logo
Analog Devices
ADE7757EB AD-ADE7757EB Datasheet
820Kb / 11P
Evaluation Board Documentation ADE7757 Energy Metering IC
REV. PrF
logo
STMicroelectronics
AN2528 STMICROELECTRONICS-AN2528 Datasheet
860Kb / 21P
Very wide input voltage range 6 W SMPS for metering
05-Jul-2007
AN2844 STMICROELECTRONICS-AN2844 Datasheet
1Mb / 37P
15 W wide range SMPS for metering
13-Mar-2009
logo
Copal Electronics
AN24 COPAL-AN24 Datasheet
107Kb / 9P
W-6237EVAL2 EVALUATION BOARD FOR W-6237
AN26 COPAL-AN26 Datasheet
161Kb / 8P
W-6137EVAL1 EVALUATION BOARD FOR W-6137
logo
Analog Devices
UG-194 AD-UG-194 Datasheet
2Mb / 20P
Evaluation Board for the ADE7953 Single Phase Energy Metering IC
Rev. A
logo
STMicroelectronics
STEVAL-ISA060V1 STMICROELECTRONICS-STEVAL-ISA060V1 Datasheet
119Kb / 4P
6 W single output SMPS demonstration board
February 2009 Rev 1
STEVAL-ISA145V1 STMICROELECTRONICS-STEVAL-ISA145V1 Datasheet
488Kb / 7P
250 W ATX SMPS evaluation board
January 2014 Rev 1
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com