Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA039V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA039V1
Description  Single phase 5A step-down converter evaluation board based on L6727
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA039V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA039V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA039V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA039V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA039V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office
July 2007
Rev 1
1/4
4
STEVAL-ISA039V1
Single phase 5A step-down converter evaluation board
based on L6727
Features
■ Input voltage: from 5V to 12V
■ Output voltage: fixed @ 1.25V but
customizable by changing resistor
■ Output current:up to 5A
■ Swicthing frequency: 300KHz
Description
The purpose of this design is to demonstrate the
key features of STMicroelectronics L6727 a new
powerful buck controller. The L6727 allow simple,
cost effective design of complete step-down
voltage regulators. Indeed it provides a full
solution by integrating a 0.8V reference, control
logic and protection, and NMOS drivers in an 8-
pin package. L6727 demo board realizes in a two-
layer PCB a step-down DC/DC converter and
shows the operation of the device in a general-
purpose low-current application. The input voltage
can range from 5V to 12V buses and the output
voltage is fixed at 1.25V. The application can
deliver an output current in excess of 5A. The
switching frequency is 300 kHz.
STEVAL-ISA039V1
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-ISA039V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA030V1 STMICROELECTRONICS-STEVAL-ISA030V1 Datasheet
93Kb / 4P
6 W 3-phase SMPS for metering evaluation board
06-Dec-2007
STEVAL-ISA032V1 STMICROELECTRONICS-STEVAL-ISA032V1 Datasheet
160Kb / 5P
60 W forward converter demonstration board for fiscal cash register based on the L5991 and STP10NK60Z
30-Jun-2008
STEVAL-ISA033V1 STMICROELECTRONICS-STEVAL-ISA033V1 Datasheet
252Kb / 6P
55 W flyback SMPS demonstration board for alarm system based on the L5991 and STP12NK80Z
09-Jun-2008
STEVAL-ISA034V1 STMICROELECTRONICS-STEVAL-ISA034V1 Datasheet
158Kb / 4P
10 W 3-phase auxiliary power supply based on the L6565 and STW3N150
08-Feb-2008
STEVAL-ISA035V1 STMICROELECTRONICS-STEVAL-ISA035V1 Datasheet
94Kb / 4P
Integrated short-circuit protection
18-Jan-2010
More results

Similar Description - STEVAL-ISA039V1

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT2862GSP RICHTEK-RT2862GSP Datasheet
678Kb / 11P
RT2862 Step-Down Converter Evaluation Board
RT2872GSP RICHTEK-RT2872GSP Datasheet
699Kb / 11P
RT2872 Step-Down Converter Evaluation Board
RT6266GSP RICHTEK-RT6266GSP Datasheet
663Kb / 6P
RT6266 Step-Down Converter Evaluation Board
RT8279GSP RICHTEK-RT8279GSP Datasheet
887Kb / 8P
RT8279 Step-Down Converter Evaluation Board
logo
STMicroelectronics
STEVAL-ISA038V1 STMICROELECTRONICS-STEVAL-ISA038V1 Datasheet
149Kb / 4P
Single phase 5 A step-down based on PWM controller evaluation board based on the Power Good L6728
10-Mar-2008
STEVAL-ISA146V1 STMICROELECTRONICS-STEVAL-ISA146V1 Datasheet
124Kb / 4P
4 A step-down switching evaluation board based on the ST1S50
April 2014 Rev 1
logo
Monolithic Power System...
EV1499-D-00A MPS-EV1499-D-00A Datasheet
258Kb / 5P
High-Efficiency, 5A Peak, 16V, 500kHz, Sync. Step-Down Converter Evaluation Board
EV4470-L-01A MPS-EV4470-L-01A Datasheet
522Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
EV9447-L-00A MPS-EV9447-L-00A Datasheet
743Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
EVQ4470-L-00A MPS-EVQ4470-L-00A Datasheet
901Kb / 7P
High-Efficiency, Fast-Transient, 5A, 36V Step-Down Converter Evaluation Board
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com