Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA044V5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA044V5
Description  3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10 (Power SO-8)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA044V5 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA044V5 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA044V5 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA044V5 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA044V5 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
October 2011
Doc ID 022348 Rev 1
1/4
4
STEVAL-ISA044V5
3 A synchronous 900 kHz step-down DC-DC converter
with inhibit function based on the ST1S10 (Power SO-8)
Features
■ Input voltage range: 2.5 V to 18.0 V
■ Max IOUT : 3 A
■ High internal switching frequency : 900 kHz
■ PWM mode operation with a fixed frequency or
synchronized to an external frequency
between 400 kHz and 1.2 MHz
■ Inhibit pin available
■ Quiescent current : < 6 µA in inhibit state
■ RoHS compliant
Description
The STEVAL-ISA044V5 is a demonstration board
based on the ST1S10 device assembled in a
Power SO-8 ePad package. The ST1S10 is a
step-down DC-DC converter with the inhibit
function optimized for powering high voltages in
LCD applications and low voltages in digital-core
HDD applications. It replaces the high-current
linear solution when high power dissipation is an
issue.
It provides up to 3 A over an input voltage range
of 2.5 V to 18.0 V, and synchronous rectification
removes the need for an external Schottky diode.
A high internal switching frequency (900 kHz)
allows for the use of tiny surface-mount
components, as well as a resistor divider to set
the output voltage value. Only an inductor and 3
capacitors are required.
The current-mode PWM architecture and stable
operation with low-ESR SMD ceramic capacitors
result in low output ripple. To maximize power
conversion efficiency in light load, the regulator
can work in burst mode automatically. The device
can operate in PWM mode with a fixed frequency
or synchronized to an external frequency. It
switches at a frequency of 900 kHz when the
SYNC pin is connected to ground or a fixed
voltage (less than 5.5 V), and can synchronize the
switching frequency between 400 kHz to 1.2 MHz
from an external clock applied to the SYNC pin.
A thermal shutdown circuit is integrated and
activates at 150 °C. Cycle-by-cycle current
limitation provides protection against shorted
outputs. The quiescent current is less than 6 µA
in the inhibit state.
www.st.com


Similar Part No. - STEVAL-ISA044V5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA044V1 STMICROELECTRONICS-STEVAL-ISA044V1 Datasheet
131Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
05-May-2008
STEVAL-ISA044V2 STMICROELECTRONICS-STEVAL-ISA044V2 Datasheet
132Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
01-Sep-2009
STEVAL-ISA044V6 STMICROELECTRONICS-STEVAL-ISA044V6 Datasheet
311Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10 (DFN)
25-Oct-2011
More results

Similar Description - STEVAL-ISA044V5

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SPI-8010A ALLEGRO-SPI-8010A Datasheet
244Kb / 9P
3 A, DC/DC Step-Down Converter
logo
STMicroelectronics
ST1S10 STMICROELECTRONICS-ST1S10 Datasheet
787Kb / 26P
3 A, 900 kHz, monolithic synchronous step-down regulator
25-Oct-2007
STEVAL-ISA024V1 STMICROELECTRONICS-STEVAL-ISA024V1 Datasheet
84Kb / 4P
20 A step-down DC-DC converter demonstration board with 3.3 Vout and 250 kHz switching frequency, based on the L6725
02-Sep-2008
STEVAL-ISA044V1 STMICROELECTRONICS-STEVAL-ISA044V1 Datasheet
131Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
05-May-2008
STEVAL-ISA044V2 STMICROELECTRONICS-STEVAL-ISA044V2 Datasheet
132Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10
01-Sep-2009
STEVAL-ISA044V6 STMICROELECTRONICS-STEVAL-ISA044V6 Datasheet
311Kb / 4P
3 A synchronous 900 kHz step-down DC-DC converter with inhibit function based on the ST1S10 (DFN)
25-Oct-2011
STEVAL-ISA047V1 STMICROELECTRONICS-STEVAL-ISA047V1 Datasheet
214Kb / 4P
1.5 A / 1.2 V step-down DC-DC converter demonstration board based on the ST1S03A
30-Jun-2009
STEVAL-ISA070V1 STMICROELECTRONICS-STEVAL-ISA070V1 Datasheet
300Kb / 4P
3 A / 1.5 MHz step-down synchronous switching regulator based on the ST1S31 in SO-8 package
11-Apr-2012
logo
Texas Instruments
LMS3655 TI1-LMS3655 Datasheet
1Mb / 49P
5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
LMS3655 TI1-LMS3655_17 Datasheet
2Mb / 52P
5.5-A, 36-V Synchronous, 400-kHz DC-DC Step-Down Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com