Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA051V2 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA051V2
Description  Latched OVP, UVP and thermal shutdown
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA051V2 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA051V2 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA051V2 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA051V2 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA051V2 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
March 2008
Rev 1
1/4
4
STEVAL-ISA051V2
Complete DDR2/3 memory power supply controller
evaluation board based on the PM6670AS
Features
■ 4.5 V to 36 V input voltage range
■ 0.9 V, ±1% voltage reference
■ 1.8 V (DDR2) or 1.5 V (DDR3) fixed output
voltages
■ 0.9 V to 2.6 V adjustable output voltage
■ 1.237 V ±1% reference voltage available
■ Very fast load transient response using
constant on-time loop control
■ No RSENSE current sensing using the RDS(on)
of the low-side MOSFETs
■ Negative current limit
■ Latched OVP, UVP and thermal shutdown
■ Fixed 3 ms soft-start
■ Selectable pulse-skipping at light load
■ Selectable no-audible (33 kHz) pulse-skip
mode
■ All ceramic output capacitors application
supported
■ Output voltage ripple compensation
Description
This evaluation board based on the PM6670AS
device is a complete DDR2/3 power supply
regulator for portable applications designed to
meet JEDEC specifications. It integrates a
constant on-time (COT) buck controller, a 2 Apk
sink/source low dropout regulator and a 15 mA
low noise buffered reference.
The COT architecture assures fast transient
response supporting both polymeric and ceramic
output capacitors. An embedded integrator
control loop compensates the DC voltage error
due to the output ripple. The 2 Apk sink/source
linear regulator provides the memory termination
voltage with fast load transient response.
The device is fully compliant with system sleep
states S3 and S4/S5, providing LDO output high
impedance in suspend-to-RAM and tracking
discharge of all outputs in suspend-to-disk.
STEVAL-ISA051V2
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-ISA051V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA051V1 STMICROELECTRONICS-STEVAL-ISA051V1 Datasheet
152Kb / 4P
Complete DDR2/3 memory power supply controller evaluation board based on the PM6670S
11-Feb-2008
More results

Similar Description - STEVAL-ISA051V2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN800PS-E STMICROELECTRONICS-VN800PS-E Datasheet
305Kb / 27P
Thermal shutdown protection and diagnosis
18-Sep-2013
logo
Texas Instruments
TLV702 TI1-TLV702_16 Datasheet
1Mb / 31P
Thermal Shutdown and Overcurrent Protection
TLV705 TI1-TLV705_16 Datasheet
1Mb / 33P
Thermal Shutdown and Overcurrent Protection
logo
STMicroelectronics
EV-VN7010AJ STMICROELECTRONICS-EV-VN7010AJ Datasheet
512Kb / 7P
Thermal shutdown indication
18-Jun-2015
STEVAL-ILL046V2 STMICROELECTRONICS-STEVAL-ILL046V2 Datasheet
216Kb / 4P
Thermal shutdown
25-May-2016
STEVAL-ISA159V1 STMICROELECTRONICS-STEVAL-ISA159V1 Datasheet
188Kb / 4P
Thermal shutdown
May 2015 Rev 2
PM6675A STMICROELECTRONICS-PM6675A Datasheet
265Kb / 15P
Latched OVP and UVP
11-Oct-2006
logo
Maxim Integrated Produc...
MAX15041EVKIT MAXIM-MAX15041EVKIT Datasheet
1Mb / 6P
Overcurrent and Thermal-Shutdown Protection
Rev 0; 9/09
logo
Texas Instruments
TPS51385 TI1-TPS51385 Datasheet
1Mb / 27P
TPS51385 4.5-V to 24-V Input, 7-A Synchronous Buck Converter With Latched OVP/ UVP, Adjustable Soft Start, and PSM/OOA Modes
AUGUST 2023
TPS51386 TI-TPS51386 Datasheet
1Mb / 27P
TPS51386 4.5-V to 24-V Input, 8-A Synchronous Buck Converter With Latched OVP/ UVP, Adjustable Soft Start, and PSM/OOA Modes
AUGUST 2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com