Electronic Components Datasheet Search
  English  ▼

X  

STEVAL-ISA052V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-ISA052V1
Description  Negative current limit
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISA052V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-ISA052V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISA052V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISA052V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISA052V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
November 2010
Doc ID 18215 Rev 1
1/4
4
STEVAL-ISA052V1
High efficiency step-down controller with embedded 2 A LDO
regulator demonstration board based on the PM6675S
Features
■ 4.5 V to 28 V input voltage range
■ 0.6 V, ±1 % voltage reference
■ 1.5 V fixed output voltage
■ 0.6 V to 3.3 V adjustable output voltage
■ 1.237 V ±1 % reference voltage available
■ Very fast load transient response constant on-
time loop control
■ No-RSENSE current sensing using low-side
MOSFETs’ RDS(on)
■ Negative current limit
■ Latched OVP, UVP and thermal shutdown
■ Fixed 3 ms soft-start
■ Selectable pulse-skipping at light load
■ Selectable no-audible (33 kHz) pulse-skip
mode
■ All ceramic output capacitors application
supported
■ Output voltage ripple compensation
■ Output soft-end
■ RoHS compliant
Description
The STEVAL-ISA052V1 demonstration board is
based on the PM6675S device which consists of
a single high efficiency step-down controller and
an independent low drop-out (LDO) linear
regulator.
The constant on-time (COT) architecture assures
fast transient response supporting both
electrolytic and ceramic output capacitors. An
embedded integrator control loop compensates
the DC voltage error due to the output ripple.
Selectable low-consumption mode allows the
highest efficiency over a wide range of load
conditions. The low-noise mode sets the minimum
switching frequency to 33 kHz for audio-sensitive
applications. The LDO linear regulator can sink
and source up to 2 Apk. Two fixed current limits
(±1 A and ±2 A) can be chosen.
An active soft-end is independently performed on
both the switching and the linear regulator outputs
when disabled.
STEVAL-ISA052V1
www.st.com


Similar Part No. - STEVAL-ISA052V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA052V2 STMICROELECTRONICS-STEVAL-ISA052V2 Datasheet
137Kb / 4P
Negative current limit
05-May-2008
More results

Similar Description - STEVAL-ISA052V1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1185AMK LINER-RH1185AMK Datasheet
554Kb / 6P
Negative Regulator with Adjustable Current Limit
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
logo
Linear Technology
LT3015 LINER-LT3015 Datasheet
427Kb / 20P
1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
LT3015EDD LINER-LT3015EDD Datasheet
427Kb / 20P
1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
RH1185AMK LINER-RH1185AMK_15 Datasheet
84Kb / 2P
Negative Regulator with Adjustable Current Limit
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
600mA Negative Linear Regulator with Programmable Current Limit
logo
Richtek Technology Corp...
RT2530Q RICHTEK-RT2530Q Datasheet
141Kb / 10P
Current Limit
logo
STMicroelectronics
STEVAL-ISA052V2 STMICROELECTRONICS-STEVAL-ISA052V2 Datasheet
137Kb / 4P
Negative current limit
05-May-2008
L6995S STMICROELECTRONICS-L6995S Datasheet
478Kb / 26P
LOSSLESS CURRENT LIMIT
Apr-2004
logo
Linear Technology
LT3090 LINER-LT3090 Datasheet
330Kb / 6P
??6V, 600mA Negative Linear Regulator with Programmable Current Limit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com